Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 210 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 210 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 206Page - National Semiconductor (TI) GX1 Datasheet HTML 207Page - National Semiconductor (TI) GX1 Datasheet HTML 208Page - National Semiconductor (TI) GX1 Datasheet HTML 209Page - National Semiconductor (TI) GX1 Datasheet HTML 210Page - National Semiconductor (TI) GX1 Datasheet HTML 211Page - National Semiconductor (TI) GX1 Datasheet HTML 212Page - National Semiconductor (TI) GX1 Datasheet HTML 213Page - National Semiconductor (TI) GX1 Datasheet HTML 214Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 247 page
background image
www.national.com
210
Revision 1.0
Package Specifications (Continued)
7.2
MECHANICAL PACKAGE OUTLINES
Dimensions for the BGA package are shown in Figure 7-2. Figure 7-3 shows the SPGA dimensions. Table 7-3 gives the leg-
end for the symbols used in both package outlines.
Figure 7-2. 352-Terminal BGA Mechanical Package Outline
Sym
Millimeters
Inches
MinMax
MinMax
A
1.35
2.23
0.053
0.088
A1
0.40
0.65
0.016
0.026
A2
0.47
0.83
0.019
0.033
aaa
0.20
0.008
B
0.60
0.90
0.024
0.035
D
34.80
35.20
1.370
1.386
D1
31.55
31.95
1.242
1.258
D2
32.80
35.20
1.291
1.386
F
0.35
0.014
S1
1.42
1.82
0.056
0.072
E1
1.27 BASIC
0.05 BASIC
F
D2
A01 Index Chamfer
1.5mmonaside
45 Degree Angle
CU Heat
Spreader
.889
REF.
S1
D1
D
D
1.5
1.5
E1
B
A1
A2
A
Seating
Plane
aaa Z
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com