Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 209 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 209 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 205Page - National Semiconductor (TI) GX1 Datasheet HTML 206Page - National Semiconductor (TI) GX1 Datasheet HTML 207Page - National Semiconductor (TI) GX1 Datasheet HTML 208Page - National Semiconductor (TI) GX1 Datasheet HTML 209Page - National Semiconductor (TI) GX1 Datasheet HTML 210Page - National Semiconductor (TI) GX1 Datasheet HTML 211Page - National Semiconductor (TI) GX1 Datasheet HTML 212Page - National Semiconductor (TI) GX1 Datasheet HTML 213Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 247 page
background image
Revision 1.0
209
www.national.com
Package Specifications (Continued)
Example 1
Assume P(max) =5Wand TA (max) = 40°C.
Therefore:
The heatsink must provide a thermal resistance below
9°C/W. In this case, the heatsink under consideration is
more than adequate since at 5W worst case, it can limit the
case temperature rise above ambient to 40°C(
θ CA = 8).
Example 2
Assume P (max) = 10W and TA (max) = 40°C.
Therefore:
In this case, the heatsink under consideration is NOT ade-
quate to limit the case temperature rise above ambient to
45°C for a 9W processor.
For more information on thermal design considerations or
heatsink properties, refer to the Product Selection Guide of
any leading vendor of thermal engineering solutions.
θ
CA
T
C
T
A
–
P
----------------------
=
θ
CA
85
40
–
()
5
----------------------
=
θ
CA
9
=
θ
CA
T
C
T
A
–
P
----------------------
=
θ
CA
85
40
–
()
9
----------------------
=
θ
CA
5
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com