Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 207 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 207 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 203Page - National Semiconductor (TI) GX1 Datasheet HTML 204Page - National Semiconductor (TI) GX1 Datasheet HTML 205Page - National Semiconductor (TI) GX1 Datasheet HTML 206Page - National Semiconductor (TI) GX1 Datasheet HTML 207Page - National Semiconductor (TI) GX1 Datasheet HTML 208Page - National Semiconductor (TI) GX1 Datasheet HTML 209Page - National Semiconductor (TI) GX1 Datasheet HTML 210Page - National Semiconductor (TI) GX1 Datasheet HTML 211Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 247 page
background image
Revision 1.0
207
www.national.com
7.0
Package Specifications
The thermal characteristics and mechanical dimensions for
the Geode GX1 processor are provided on the following
pages.
7.1
THERMAL CHARACTERISTICS
Table 7-1 shows the junction-to-case thermal resistance of
the SPGA and BGA package and can be used to calculate
the junction (die) temperature under any given circum-
stance.
Note that there is no specification for maximum junction
temperature given since the operation of both SPGA and
BGA devices are guaranteed to a case temperature range
of 0°Cto 85°C (see Table 6-4 on page 190). As long as the
case temperature of the device is maintained within this
range, the junction temperature of the die will also be main-
tained within its allowable operating range. However, the
die (junction) temperature under a given operating condi-
tion can be calculated by using the following equation:
TJ =TC +(P* θJC)
where:
TJ = Junction temperature (°C)
TC = Case temperature at top center of package (°C)
P = Maximum power dissipation (W)
θ
J
C = Junction-to-case thermal resistance (°C/W)
These examples are given for reference only. The actual
value used for maximum power (P) and ambient tempera-
ture (TA) is determined by the system designer based on
system configuration, extremes of the operating environ-
ment, and whether active thermal management (via Sus-
pend Modulation) of the processor is employed.
A maximum junction temperature is not specified since a
maximum case temperature is. Therefore, the following
equation canbeusedtocalculate themaximum thermal
resistance required of the thermal solution for a given max-
imum ambient temperature:
where:
θ
CS = Max case-to-heatsink thermal resistance
(°C/W) allowed for thermal solution
θ
SA = Max heatsink-to-ambient thermal resistance
(°C/W) allowed for thermal solution
TA = Max ambient temperature (°C)
TC = Max case temperature at top center of package
(°C)
P = Max power dissipation (W)
If thermal grease is used between the case and heatsink,
θ
CS will reduce to about 0.01 °C/W. Therefore, the above
equation can be simplified to:
where:
θ
CA = θCS = Max case-to-ambient thermal resistance
(°C/W) allowed for thermal solution.
The calculated
θ
CA value (examples shown in Table 7-2 on
page 208) represents the maximum allowed thermal resis-
tance of the selected cooling solution which is required to
maintain the maximum TC (shown in Table 6-4 on page
190) for the application in which the device is used.
Table 7-1. Junction-to-Case Thermal Resistance
for SPGA and BGA Packages
Package
θ
J
C
SPGA
1.7
°C/W
BGA
1.1
°C/W
θ
CS
θ
SA
+
T
C
T
A
–
P
----------------------
=
θ
CA
T
C
T
A
–
P
----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com