Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 188 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 188 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 184Page - National Semiconductor (TI) GX1 Datasheet HTML 185Page - National Semiconductor (TI) GX1 Datasheet HTML 186Page - National Semiconductor (TI) GX1 Datasheet HTML 187Page - National Semiconductor (TI) GX1 Datasheet HTML 188Page - National Semiconductor (TI) GX1 Datasheet HTML 189Page - National Semiconductor (TI) GX1 Datasheet HTML 190Page - National Semiconductor (TI) GX1 Datasheet HTML 191Page - National Semiconductor (TI) GX1 Datasheet HTML 192Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 247 page
background image
www.national.com
188
Revision 1.0
Electrical Specifications (Continued)
6.2.2
NC-Designated Pins
Pins designated NC (No Connection) should be left discon-
nected. Connecting an NC pin to a pull-up/-down resistor,
or an active signal could cause unexpected results and
possible circuit malfunctions.
6.2.3
Pull-Up and Pull-Down Resistors
Table 6-2 lists the input pins that are internally connected to
a weak (>20-kohm) pull-up/-down resistor. When unused,
these inputs do not require connection to an external pull-
up/-down resistor.
6.2.4
Unused Input Pins
All inputs not used by the system designer and not listed in
Table 6-2 should be kept at either ground or VCC3.To pre-
vent possible spurious operation, connect active-high
inputs to ground through a 20-kohm (±10%) pull-down resis-
tor and active-low inputs to VCC3 through a 20-kohm
(±10%) pull-up resistor.
Table 6-2. Pins with > 20-kohm Internal Resistor
Signal Name
BGA Ball No.
PU/PD
SUSP#
H2
Pull-up
FRAME#
A8
Pull-up
IRDY#
C9
Pull-up
TRDY#
B9
Pull-up
STOP#
C11
Pull-up
LOCK#
B11
Pull-up
DEVSEL#
A9
Pull-up
PERR#
A11
Pull-up
SERR#
C12
Pull-up
REQ[2:0]#
D3, H3, E3
Pull-up
TCLK
J2
Pull-up
TMS
H1
Pull-up
TDI
D2
Pull-up
TEST
F3
Pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com