Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 185 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 185 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 181Page - National Semiconductor (TI) GX1 Datasheet HTML 182Page - National Semiconductor (TI) GX1 Datasheet HTML 183Page - National Semiconductor (TI) GX1 Datasheet HTML 184Page - National Semiconductor (TI) GX1 Datasheet HTML 185Page - National Semiconductor (TI) GX1 Datasheet HTML 186Page - National Semiconductor (TI) GX1 Datasheet HTML 187Page - National Semiconductor (TI) GX1 Datasheet HTML 188Page - National Semiconductor (TI) GX1 Datasheet HTML 189Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 247 page
background image
Revision 1.0
185
www.national.com
6.0
Electrical Specifications
6.1
PART NUMBERS/PERFORMANCE CHARACTERISTICS
The GX1 series of processors is designated by three core
voltage specifications: 2.0V, 1.8V, and 1.6V. Each core volt-
age is offered in frequencies that are enabled by specific
system clock and internal multiplier settings. This allows
the user to select the device(s) that best fit their power and
performance requirements. This flexibility makes the GX1
processor series ideally suited for applications where
power consumption and performance (speed) are equally
important.
The part numbers in Table 6-1 designate the various com-
binations of speed and power consumption available. Note
that while there are three VCC2 (Core) voltages available,
the VCC3 (I/O) voltage remains constant at 3.3V (nominal)
in order to maintain LVTTL compatibility with external
devices.
Table 6-1. GX1 Processor Performance Characteristics
Part Marking
Core
Voltage
(VCC2)
System
Clock
Frequency
Multiplier
Core
Frequency
Abs Max
Power
Typ Power180%
Active Idle
GX1-300P 2.0V 85C
2.0V
(Nominal)
33 MHz
x9
300 MHz
3.7W
1.2W
GX1-300B 2.0V 85C
GX1-266P 1.8V 85C
1.8V
(Nominal)
33 MHz
x8
266 MHz
3.0W
1.0W
GX1-266B 1.8V 85C
GX1-233P 1.8V 85C
1.8V
(Nominal)
33 MHz
x7
233 MHz
2.8W
0.95W
GX1-233B 1.8V 85C
GX1-200P 1.6V 85C
1.6V
(Nominal)
33 MHz
x6
200 MHz
2.3W
0.8W
GX1-200B 1.6V 85C
1.
Typical power consumption is defined as an average measured running Windows at 80% Active Idle
(Suspend-on-Halt) with a display resolution of 800x600x8 bpp at 75 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com