Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 181 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 181 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 177Page - National Semiconductor (TI) GX1 Datasheet HTML 178Page - National Semiconductor (TI) GX1 Datasheet HTML 179Page - National Semiconductor (TI) GX1 Datasheet HTML 180Page - National Semiconductor (TI) GX1 Datasheet HTML 181Page - National Semiconductor (TI) GX1 Datasheet HTML 182Page - National Semiconductor (TI) GX1 Datasheet HTML 183Page - National Semiconductor (TI) GX1 Datasheet HTML 184Page - National Semiconductor (TI) GX1 Datasheet HTML 185Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 247 page
background image
Revision 1.0
181
www.national.com
Power Management (Continued)
5.2.3
Stopping the Input Clock
The GX1 processor is a static device, allowing the input
clock (SYSCLK) to be stopped and restarted without any
loss of internal CPU data. The SYSCLK input can be
stopped at either a logic high or logic low state. The
required sequence for stopping SYSCLK is to initiate 3 Volt
Suspend, wait for the assertion of SUSPA# by the proces-
sor, and then stop the input clock.
The CPU remains suspended until SYSCLK is restarted
and the Suspend mode is exited as described earlier.
While SYSCLK is stopped, the processor can no longer
sample and respond to any input stimulus including
REQx#, NMI, SMI#, INTR, and RESET inputs.
Figure 5-4 illustrates the recommended sequence for stop-
ping the SYSCLK using SUSP# to initiate 3 Volt Suspend.
SYSCLK may be started prior to or following negation of
the SUSP# input. The figure includes the SUSP_3V pin
from the Geode I/O companion which is used to stop the
external clocks.
5.2.4
Serial Packet Transmission
The GX1 processor transmits the contents of the “PM
Serial Packet" register on the SERIALP output pin to the
PSERIAL input pin of the Geode I/O companion. The GX1
processor holds SERIALP low until the transmission inter-
val counter (GX_BASE+8504h[4:3]) has elapsed. Once the
counter has elapsed, PSERIAL is held high for two
SYSCLKs to indicate the start of packet transmission.
The contents of the packet register are then shifted out
starting from bit 7 down to bit 0. PSERIAL is held high for
one SYSCLK to indicate the end of packet transmission
and then remains low until the next transmission interval.
After the packet transmission has completed, the packet
contents are cleared.
Figure 5-4. Stopping SYSCLK During Suspend Mode
SYSCLK
SUSP#
SUSP_3V
SMI Event, Timer or Pin
SUSPA#
(I/O companion)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com