Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 184 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 184 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 180Page - National Semiconductor (TI) GX1 Datasheet HTML 181Page - National Semiconductor (TI) GX1 Datasheet HTML 182Page - National Semiconductor (TI) GX1 Datasheet HTML 183Page - National Semiconductor (TI) GX1 Datasheet HTML 184Page - National Semiconductor (TI) GX1 Datasheet HTML 185Page - National Semiconductor (TI) GX1 Datasheet HTML 186Page - National Semiconductor (TI) GX1 Datasheet HTML 187Page - National Semiconductor (TI) GX1 Datasheet HTML 188Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 247 page
background image
www.national.com
184
Revision 1.0
Power Management (Continued)
Table 5-3. Power Management Programmable Address Region Registers
Bit
Name
Description
Index FFFF FF6Ch
PM_BASE Register (R/W)
Default Value = 0000000h
31:28
RSVD
Reserved: Set to 0.
27:2
BASE_ADDR
Base Address: This is the word-aligned base address for the programmable memory range com-
pare. The actual address range is determined with this field and the PM_MASK register value.
1:0
RSVD
Reserved: Set to 0.
Index FFFF FF7Ch
PM_MASK Register (R/W)
Default Value = 0000000h
31:28
RSVD
Reserved: Set to 0.
27:2
ADR_MASK
Address Mask: This field is the address mask for the BASE_ADDR field in the PM_BASE register. If
a bit in the ADR_MASK field is cleared the corresponding bit in the BASE_ADDR field must match
the processor address. If a bit in the mask field is set high, the corresponding bit in the BASE_ADDR
field always compares. If the processor cycle type matches the values of the WE and RE bits, and all
bits in the BASE_ADDR field match the processor address based on the ADR_MASK field, bit 1 will
be set high in the serial transmission packet.
1WE
Write Enable: Compare memory write cycles with BASE_ADDR and ADR_MASK:
0 = Disable; 1 = Enable.
0RE
Read Enable: Compare memory read cycles with BASE_ADDR and ADR_MASK:
0 = Disable; 1 = Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com