Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 183 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 183 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 179Page - National Semiconductor (TI) GX1 Datasheet HTML 180Page - National Semiconductor (TI) GX1 Datasheet HTML 181Page - National Semiconductor (TI) GX1 Datasheet HTML 182Page - National Semiconductor (TI) GX1 Datasheet HTML 183Page - National Semiconductor (TI) GX1 Datasheet HTML 184Page - National Semiconductor (TI) GX1 Datasheet HTML 185Page - National Semiconductor (TI) GX1 Datasheet HTML 186Page - National Semiconductor (TI) GX1 Datasheet HTML 187Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 247 page
background image
Revision 1.0
183
www.national.com
Power Management (Continued)
GX_BASE+8504h-8507h
PM_CNTRL_TEN Register (R/W)
Default Value = xxxxxx00h
31:8
RSVD
Reserved: These bits are not used. Do not write to these bits.
7:6
RSVD
Reserved: Set to 0.
5X_TEST (WO)
Transmission Test (Write Only): Setting this bit causes the GX1 processor to immediately transmit
the current contents of the serial packet. This bit is write only and is used primarily for test. This bit
returns 0 on a read.
4:3
X_FREQ
Transmission Frequency: This field indicates the time between serial packet transmissions. Serial
packet transmissions occur at the selected interval only if at least one of the packet bits is set high:
00 = Disable transmitter; 01 = 1 ms; 10 = 5 ms; 11 = 10 ms.
2CPU_RD
CPU Activity Read Enable: Setting this bit high enables reporting of CPU level-1 cache read
misses that are not a result of an instruction fetch. This bit is a don’t-care if the CPU_EN bit is not set
high.
1CPU_EN
CPU Activity Master Enable: Setting this bit high enables reporting of CPU Level-1 cache misses
in bit 6 of the serial transmission packet. When enabled, the CPU Level-1 cache miss activity is
reported on any read (assuming the CPU_RD is set high) or write access excluding misses that
resulted from an instruction fetch.
0VID_EN
Video Event Enable: Setting this bit high enables video decode events to be reported in bit 0 of the
serial transmission packet. CPU or graphics-pipeline accesses to the graphics memory and display-
controller-register accesses are also reported.
GX_BASE+8508h-850Bh
PM_CNTRL_CSTP Register (R/W)
Default Value = xxxxxx00h
31:8
RSVD
Reserved: These bits are not used. Do not write to these bits.
7:1
RSVD
Reserved: Set to 0.
0CLK_STP
Clock Stop: This bit configures the GX1 processor for Suspend Refresh Mode or 3 Volt Suspend
Mode:
0 = Suspend Refresh Mode. The clocks to the memory and display controller remain active during
Suspend.
1 = 3 Volt Suspend Mode. The external clock may be stopped during Suspend.
Note:
When bit 0 is set high and the Suspend input pin (SUSP#) is asserted, the GX1 processor stops all it’s internal clocks, and
asserts the Suspend Acknowledge output pin (SUSPA#). Once SUSPA# is asserted the GX1 processor’s SYSCLK input can
be stopped. If bit 0 is cleared, the internal memory-controller and display-controller clocks are not stopped on the SUSP#/
SUSPA# sequence, and the SYSCLK input can not be stopped.
GX_BASE+850Ch-850Fh
PM_SER_PACK Register (R/O)
Default Value = xxxxxx00h
31:8
RSVD
Reserved: These bits are not used. Do not write to these bits.
7VID_IRQ
Video IRQ: This bit indicates the occurrence of a video vertical sync pulse. This bit is set at the
same time that the VINT (Vertical Interrupt) bit is set in the DC_TIMING_CFG register. The VINT bit
has a corresponding enable bit (VIEN) in the DC_TIM_CFG register (Table 4-29 on page 145).
6CPU_ACT
CPU Activity: This bit indicates the occurrence of a level 1 cache miss that was not a result of an
instruction fetch. This bit has a corresponding enable bit in the PM_CNTL_TEN register.
5:2
RSVD
Reserved: Set to 0.
1USR_DEF
Programmable Address Decode: This bit indicates the occurrence of a programmable memory
address decode. This bit is set based on the values of the PM_BASE register and the PM_MASK
register (see Table 5-3 on page 184). The PM_BASE register can be initialized to any address in the
full 256 MB address range.
0VID_DEC
Video Decode: This bit indicates that the CPU has accessed either the display controller registers
or the graphics memory region. This bit has a corresponding enable bit in the PM_CNTRL_TEN.
Note:
The GX1 processor transmits the contents of the serial packet only when a bit in the packet register is set and the interval
counter has elapsed. The Geode I/O companion decodes the serial packet after each transmission. Once a bit in the packet
is set, it will remain set until the completion of the next packet transmission. Successive events of the same type that occur
between packet transmissions are ignored. Multiple unique events between packet transmissions will accumulate in this reg-
ister.
Table 5-2. Power Management Control and Status Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com