Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 187 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 187 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 183Page - National Semiconductor (TI) GX1 Datasheet HTML 184Page - National Semiconductor (TI) GX1 Datasheet HTML 185Page - National Semiconductor (TI) GX1 Datasheet HTML 186Page - National Semiconductor (TI) GX1 Datasheet HTML 187Page - National Semiconductor (TI) GX1 Datasheet HTML 188Page - National Semiconductor (TI) GX1 Datasheet HTML 189Page - National Semiconductor (TI) GX1 Datasheet HTML 190Page - National Semiconductor (TI) GX1 Datasheet HTML 191Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 247 page
background image
Revision 1.0
187
www.national.com
Electrical Specifications (Continued)
Figure 6-2. SPGA Recommended Split Power Plane and Decoupling
1
37
A
AN
A
AN
1
37
1.6V, 1.8V, or 2.0V Plane
(VCC2)
3.3V Plane
(VCC3)
3.3V Plane
(VCC3)
3.3V Plane
(VCC3)
3.3V Plane
(VCC3)
1.6V, 1.8V, or 2.0V Plane
(VCC2)
To 2.9V
Regulator
Note: Where signals cross plane splits, it is recommended to include
AC decoupling between planes with 47 pF capacitors.
= High frequency capacitor
= 220 µF, low ESR capacitor
= 3.3V connection
= 1.6V, 1.8V, or 2.0V connection
Legend
320 SPGA - Top View
Geode™ GX1
Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com