Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 172 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 172 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 168Page - National Semiconductor (TI) GX1 Datasheet HTML 169Page - National Semiconductor (TI) GX1 Datasheet HTML 170Page - National Semiconductor (TI) GX1 Datasheet HTML 171Page - National Semiconductor (TI) GX1 Datasheet HTML 172Page - National Semiconductor (TI) GX1 Datasheet HTML 173Page - National Semiconductor (TI) GX1 Datasheet HTML 174Page - National Semiconductor (TI) GX1 Datasheet HTML 175Page - National Semiconductor (TI) GX1 Datasheet HTML 176Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 247 page
background image
www.national.com
172
Revision 1.0
Integrated Functions (Continued)
3SWBE
PCI Slave Write Buffer Enable: GX1 PCI slave write buffers: 0 = Disable; 1 = Enable.
2CLRE
PCI Cache Line Read Enable: Read operations from the PCI into the GX1 processor:
0 = Single cycle unless a read multiple or memory read line command is used.
1 = Cause a cache line read to occur.
1XBE
X-Bus Burst Enable: Enable X-Bus bursting when an external master performs PCI write/invalidate
cycles. 0 = Disable; 1 = Enable.
(This bit does not control read bursting; bit 2 does.)
0RSVD
Reserved: Should return a value of 0.
Index 41h
PCI Control Function 2 Register (R/W)
Default Value = 96h
7RSVD
Reserved: Set to 0.
6RW_CLK
Raw Clock: A debug signal used to view internal clock operation. 0 = Enable; 1 = Disable.
5PFS
PERR# forces SERR#: PCI master drives an active SERR# anytime it also drives or receives an active
PERR#: 0 = Disable; 1 = Enable.
4XWB
X-Bus to PCI Write Buffer: Enable GX1 processor PCI master’s X-Bus write buffers (non-locked mem-
ory cycles are buffered, I/O cycles and lock cycles are not buffered): 0 = Disable; 1 = Enable.
3:2
SDB
Slave Disconnect Boundary: GX1 as a PCI slave issues a disconnect with burst data when it crosses
line boundary:
00 = 128 bytes
01 = 256 bytes
10 = 512 bytes
11 = 1024 bytes
Works in conjunction with bit 1.
1SDBE
Slave Disconnect Boundary Enable: GX1 as a PCI slave:
0 = Disconnects on boundaries set by bits [3:2].
1 = Disconnects on cache line boundary which is 16 bytes.
0XWS
X-Bus Wait State Enable: The PCI slave acting as a master on the X-Bus will insert wait states on write
cycles for data setup time. 0 = Disable; 1 = Enable.
Index 42h
Reserved
Default Value = 00h
Index 43h
PCI Arbitration Control 1 Register (R/W)
Default Value = 80h
7BG
Bus Grant:
0 = Grants bus regardless of X-BUS buffers.
1 = Grants bus only if X-BUS buffers are empty.
6RSVD
Reserved: Set to 1.
5RME2
REQ2# Retry Mask Enable: Arbiter allows the REQ2# to be masked based on the master retry mask in
bits [2:1]: 0 = Disable; 1 = Enable.
4RME1
REQ1# Retry Mask Enable: Arbiter allows the REQ1# to be masked based on the master retry mask in
bits [2:1]: 0 = Disable; 1 = Enable.
3RME0
REQ0# Retry Mask Enable: Arbiter allows the REQ0# to be masked based on the master retry mask in
bits [2:1]: 0 = Disable; 1 = Enable.
2:1
MRM
Master Retry Mask: When a target issues a retry to a master, the arbiter can mask the request from the
retried master in order to allow other lower order masters to gain access to the PCI bus:
00 = No retry mask
01 = Mask for 16 PCI clocks
10 = Mask for 32 PCI clocks
11 = Mask for 64 PCI clocks
0HXR
Hold X-bus on Retries: Arbiter holds the X-Bus X_HOLD for two additional clocks to see if the retried
master will request the bus again: 0 = Disable; 1 = Enable
(This may prevent retry thrashing in some cases.)
Table 4-44. PCI Configuration Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com