Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 170 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 170 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 166Page - National Semiconductor (TI) GX1 Datasheet HTML 167Page - National Semiconductor (TI) GX1 Datasheet HTML 168Page - National Semiconductor (TI) GX1 Datasheet HTML 169Page - National Semiconductor (TI) GX1 Datasheet HTML 170Page - National Semiconductor (TI) GX1 Datasheet HTML 171Page - National Semiconductor (TI) GX1 Datasheet HTML 172Page - National Semiconductor (TI) GX1 Datasheet HTML 173Page - National Semiconductor (TI) GX1 Datasheet HTML 174Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 247 page
background image
www.national.com
170
Revision 1.0
Integrated Functions (Continued)
Table 4-44. PCI Configuration Registers
Bit
Name
Description
Index 00h-01h
Vendor Identification Register (RO)
Default Value = 1078h
31:0
VID (RO)
Vendor Identification register (Read Only): The combination of this value and the device ID uniquely
identifies any PCI device. The Vendor ID is the ID given to National Semiconductor Corporation by the
PCI SIG.
Index 02h-03h
Device Identification Register (RO)
Default Value = 0001h
31:0
DIR (RO)
Device Identification register (Read Only): This value along with the vendor ID uniquely identifies any
PCI device.
Index 04h-05h
PCI Command Register (R/W)
Default Value = 0007h
15:10
RSVD
Reserved: Set to 0.
9FBE
Fast Back-to-Back Enable (RO): As a master, the GX1 processor does not support this function.
This bit returns 0.
8SERR
SERR# Enable: This is used as an output enable gate for the SERR# driver.
7WAT
Wait Cycle Control: GX1 processor does not do address/data stepping.
This bit is always set to 0.
6PE
Parity Error Response:
0 = GX1 processor ignores parity errors on the PCI bus.
1 = GX1 processor checks for parity errors.
5VPS
VGA Palette Snoop: GX1 processor does not support this function.
This bit is always set to 0.
4MS
Memory Write and Invalidate Enable: As a master, the GX1 processor does not support this function.
This bit is always set to 0.
3SPC
Special Cycles: GX1 processor does not respond to special cycles on the PCI bus.
This bit is always set to 0.
2BM
Bus Master:
0 = GX1 processor does not perform master cycles on the PCI bus.
1 = GX1 processor can act as a bus master on the PCI bus.
1MS
Memory Space: GX1 processor will always respond to memory cycles on the PCI bus.
This bit is always set to 1.
0
IOS
I/O Space: GX1 processor will not respond to I/O accesses from the PCI bus.
This bit is always set to 1.
Index 06h-07h
PCI Device Status Register (RO, R/W Clear)
Default Value = 0280h
15
DPE
Detected Parity Error: When a parity error is detected, this bit is set to 1.
This bit can be cleared to 0 by writing a 1 to it.
14
SSE
Signaled System Error: This bit is set whenever SERR# is driven active.
13
RMA
Received Master Abort: This bit is set whenever a master abort cycle occurs. A master abort will occur
whenever a PCI cycle is not claimed except for special cycles.
This bit can be cleared to 0 by writing a 1 to it.
12
RTA
Received Target Abort: This bit is set whenever a target abort is received while the GX1 processor is
master of the cycle.
This bit can be cleared to 0 by writing a 1 to it.
11
STA
Signaled Target Abort: This bit is set whenever the GX1 processor signals a target abort. A target abort
is signaled when an address parity occurs for an address that hits in the GX1 processor’s address space.
This bit can be cleared to 0 by writing a 1 to it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com