Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 265 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 265 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 261Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 262Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 263Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 264Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 265Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 266Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 267Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 268Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 269Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 323 page
background image
N8370DSE
Conexant
4-1
4
4.0 Applications
4.1 External Component Specifications
Table 4-1. Transformer Specifications
Parameter
TX
Low Power
RX
TX
Better RL
Value
Value
Value
Turns Ratio
1:1.15
1:1
1:1.36
Pulse Engineering Part Numbers:
Temp. 0 to 70
°C.
Dual– SMT (small) 1500 Vrms
Dual– SMT 3 KVrms
—
—
T1190
T1038/T1035
Pulse Engineering Part Numbers:
Temp. 0 to 70
°C.
Dual– SMT
Dual– SMT (small)
Dual– Thru Hole
PE–68865(1)
PE–65865
PE–65567
—
—
—
Serial Resistance
1
Ω maximum
Primary Inductance
OCL 1.2 mH @ 25
°C.
Isolation Voltage
1500 Vrms/3 KVrms
Leakage Inductance
0.6
µH
NOTE(S):
(1) Contact Pulse Engineering for other part numbers.
Phone: (619) 674-8100.
WEB: http://www.pulseeng.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com