Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 290 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 290 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 286Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 287Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 288Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 289Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 290Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 291Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 292Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 293Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 294Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 323 page
background image
5.0 Electrical/Mechanical Specifications
Bt8370/8375/8376
5.5 MPU Interface Timing
Fully Integrated T1/E1 Framer and Line Interface
5-16
Conexant
N8370DSE
Figure 5-13. Intel Synchronous Write Cycle
MCLK
ALE
Address
Address
Write Data
A[8]
AD[7:0]
WR*
RD*
CS*
1
2
6
4
5
7
3
8
Table 5-16. Intel Synchronous Write Timing
Symbol
Parameter
Minimum
Maximum
Units
1
ALE high pulse width
15
—
ns
2
A[8], AD[7:0] Address setup to ALE low
5
—
ns
3
A[8], AD[7:0] Address hold after ALE low
10
—
ns
4
WR*,RD*,CS* setup to MCLK high (start WR cycle)
5
—
ns
5
WR*,RD*,CS* hold after MCLK high
10
—
ns
6
Start WR* cycle to AD[7:0] input data valid
—
1/MCLK–10
ns
7
AD[7:0] input data hold after Start WR cycle
1 / MCLK + 9
—
ns
8
Start WR cycle to next ALE high
1 / MCLK + 10
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com