Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 299 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 299 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 295Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 296Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 297Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 298Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 299Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 300Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 301Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 302Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 303Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 323 page
background image
N8370DSE
Conexant
A-1
A
Appendix A
A.1 Superframe Format (SF)
The Superframe Format (SF), is also referred to as the D4 format. The
requirement for associated signaling in frames 6 and 12 dictates that the frames
be distinguishable. This leads to a multiframe structure consisting of 12 frames
per superframe (SF). See Figure A-1 and Table A-1 and A-2.
The SF structure consists of a multiframe of 12 frames. Each frame has 24
channels, plus an F-bit, and 8 bits per channel. A channel is equivalent to one
voice circuit or one 64 kbps data circuit.
This structure of frames and multiframes is defined by the F-bit pattern. The
F-bit is designated alternately as an Ft bit (terminal framing bit) or an Fs bit
(signalling framing bit). The Ft bit carries a pattern of alternating 0s and 1s
(101010) in odd frames that defines the frame boundaries so that one channel can
be distinguished from another. The Fs bit carries a pattern of (001110) in even
frames, and defines the multiframe boundaries so that one frame can be
distinguished from another.
Figure A-1. T1 Superframe PCM Format
B
Ft
or
Fs
1
2
3
4
5
6
7
8
A
CH
1
CH
2
CH
13
CH
24
FR
1
FR
2
FR
7
FR
12
FR
11
Frame 12
Frame 6
Bit 8
During:
24 Channels per Frame
Frame = 193 Bits
Multiframe
SF = 12 Frames
8 Bits per Channel
Signalling Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com