Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 302 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 302 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 298Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 299Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 300Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 301Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 302Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 303Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 304Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 305Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 306Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 323 page
background image
Appendix A
Bt8370/8375/8376
A.3 SLC 96 Format (SLC)
Fully Integrated T1/E1 Framer and Line Interface
A-4
Conexant
N8370DSE
A.3 SLC 96 Format (SLC)
SLC framing mode allows synchronization to the SLC 96 data link pattern. This
pattern, which is described in the Bellcore TR-TSY-000008, contains both
signaling information and a framing pattern that overwrites the Fs bit of the SF
framer pattern (Table A-1). See Table A-3 for SLC-96 Fs bit contents.
Table A-3. SLC-96 Fs Bit Contents
Frame #
Fs Bit
Frame #
Fs Bit
Frame #
Fs Bit
2
0
26
C2
50
0
40
28
C3
52
M1
61
30
C4
54
M2
81
32
C5
56
M3
10
1
34C658
A1
12
0
36C760
A2
14
0
38C862
S1
16
0
40C964
S2
18
1
42
C10
66
S3
20
1
44
C11
68
S4
22
1
46
0
70
1
24
C1
48
1
72
0
Note:
1. The SLC-96 frame format is similar to that of SF as shown in Table A-1 with the
exceptions shown in this table.
2. C1 to C11 are concentrator field bits.
3. M1 to M3 are maintenance field bits.
4. A1 and A2 are alarm field bits.
5. S1 to S4 are line switch field bits.
6. The Fs bits in frames 46, 48, and 70 are spoiler bits which are used to protect against
false multiframing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com