Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 147 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 147 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 143Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 144Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 145Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 146Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 147Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 148Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 149Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 150Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 151Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 323 page
background image
Bt8370/8375/8376
3.0 Registers
Fully Integrated T1/E1 Framer and Line Interface
3.6 Primary Control and Status Registers
N8370DSE
Conexant
3-29
TS[4:0]
External Data LinkTime Slot Select—Picks 1 8-bit time slot for input and output over the
external data link pins. Any time slot can be chosen from TS0 to TS31 in E1 mode or TS1 to
TS24 in T1 mode. In T1 mode, TS25 selects F-bits instead of a channel time slot.
016—External Data Link Bit (DL3_BIT)
DL3_BIT[7:0]
External Data Link Bit Select—Enables receive (RDLCKO) and transmit (TDLCKO) clock
pulse outputs during selected time slot bits. DL3_BIT works in conjunction with the DL3_TS
register [addr 015] to select any combination of bits for input and output on the external data
link pins by writing the corresponding DL3_BIT active (high). LSB enables clock pulses
coincident with the first bit transmitted or received. The full T1/E1 data stream is output on
RDLO as long as the RDL_IO bit [addr 018] is active, regardless of which bits are
accompanied by RDLCKO clock pulses. The selected transmit data link bits are sampled from
the TDLI pin on the falling edge of TDLCKO to replace normal transmitted data. DL3_BIT
must be set to 0x01 when DL3_TS selects T1 F-bits.
0 = disable DL3 bit
1 = enable DL3 bit
017—Offline Framer Status (FSTAT)
Bt8370/8375/8376 contains a single offline framer that serves as a shared resource for both receive and transmit
channels. Because current alignment status for receive and transmit channels is reported separately in Alarm
Status registers (ALM1, ALM2; addr 047, 048), FSTAT is used primarily for diagnostic purposes to monitor the
progress of an alignment search, or to verify acknowledgment of a processor-generated forced reframe request.
These status bits can only be reported for a very short period of time (i.e., 1 clock cycle), because the RLOF and
TLOF reframe requests can immediately request another offline framer search.
INVALID
No Candidate—Active-high at the conclusion of a search during which no frame alignment
candidates were located.
0 = search active, aborted, timed out, or found
1 = alignment not found (no candidate).
00000
Time slot 0
00001
Time slot 1
||
11110
Time slot 30
11111
Time slot 31
7
6
5
4
3
2
1
0
DL3_BIT[7]
DL3_BIT[6]
DL3_BIT[5]
DL3_BIT[4]
DL3_BIT[3]
DL3_BIT[2]
DL3_BIT[1]
DL3_BIT[0]
7
6
5
4
3
2
1
0
———
INVALID
FOUND
TIMEOUT
ACTIVE
RX/TXN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com