Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 148 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 148 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 144Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 145Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 146Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 147Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 148Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 149Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 150Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 151Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 152Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 323 page
background image
3.0 Registers
Bt8370/8375/8376
3.6 Primary Control and Status Registers
Fully Integrated T1/E1 Framer and Line Interface
3-30
Conexant
N8370DSE
FOUND
Frame Search Successful—Active-high indicates the offline framer located the frame
alignment according to the selected receive or transmit framer mode. Refer to Table 3-5 for
maximum average reframe time.
Upon detection of frame alignment, the following occurs:
• FOUND goes active-high
• RLOF or TLOF is cleared by the online framer, depending on RX/TX direction
• the offline framer goes inactive, if no pending reframe requests exist
• the RX, TX, or TSB timebase is realigned, depending on the RX/TX direction and the
embedded framing mode.
If the reframe pulse causes the receive timebase to align to a position that differs from its
existing alignment, the change of frame alignment error counter [COFA; addr 05A]
increments. Changes of the transmit frame alignment are not detected.
NOTE:
In E1 receive framer modes, the offline framer also reports intermediate FRED,
MRED, and SRED status [ALM3; addr 049] while searching for FAS, MFAS, and
CAS alignment, respectively.
0 = no candidate; search active, aborted, or timed out
1 = frame alignment found (1 and only 1 candidate)
Table 3-5. Maximum Average Reframe Time (MART) and Framer Timeout
Framer Mode
MART
TIMEOUT (addr 017)
Ft
3.5 ms
12 ms
±1 bit
Ft + T1DM
1.0 ms
12 ms
±1 bit
SF
3.5 ms
12 ms
±1 bit
SF + JYEL
4.5 ms
12 ms
±1 bit
SF + TIDM
2.0 ms
12 ms
±1 bit
SLC
15.0 ms
24 ms
±1 bit
ESF
10.0 ms
24 ms
±1 bit
ESF + CRC
15.0 ms
24 ms
±1 bit
ESF + MIMIC
15.0 ms
24 ms
±1 bit
FAS
0.5 ms
8 ms
±125 µs
CAS
2.0 ms
8 ms
±125 µs
MFAS
10.0 ms
8 ms
±125 µs
NOTE(S):
MART is defined (per Bellcore TA-0278) as the difference between the time that
known good pseudo-random DS1 input is applied, and the time that a valid DS0 signal is
observed at the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com