| Electronic Components Datasheet Search |
|
TMS320C80GF Datasheet(PDF) 114 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C80GF Datasheet(HTML) 114 Page - Texas Instruments |
|
114 / 171 page ![]() TMS320C80 DIGITAL SIGNAL PROCESSOR SPRS023B – JULY 1994 – REVISED OCTOBER 1997 111 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 SDRAM type cycles The SDRAM type cycles support the use of SDRAM, SGRAM, or SVRAM devices for single-cycle memory accesses. While SDRAM cycles use the same state sequences as DRAM cycles, the memory-control signal transitions are modified to perform SDRAM command cycles. The supported SDRAM commands are: DCAB Deactivate (precharge) all banks ACTV Activate the selected bank and select the row READ Input starting column address and start read operation WRT Input starting column address and start write operation MRS Set SDRAM mode register REFR Auto-refresh cycle with internal address SRS Set special register (color register) BLW Block write SDRAM cycles begin with an activate (ACTV) command followed by the requested column accesses. When a memory-page change occurs, the selected bank is deactivated with a DCAB command. The TMS320C80 supports read latencies of 2, 3, or 4 cycles and burst lengths of 1 or 2. These are selected by the CT code and UTIME value input at the start of the access. The column pipelines for SDRAM accesses are shown in Figure 91. Idle cycles can occur after necessary column accesses have completed or between column accesses due to “bubbles” in the TC data flow pipeline. The pipeline diagrams show the pipeline stages for each access type and when the CAS / DQM signal corresponding to the column access is activated. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |