Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 30Page - Texas Instruments TUSB6250 Datasheet HTML 31Page - Texas Instruments TUSB6250 Datasheet HTML 32Page - Texas Instruments TUSB6250 Datasheet HTML 33Page - Texas Instruments TUSB6250 Datasheet HTML 34Page - Texas Instruments TUSB6250 Datasheet HTML 35Page - Texas Instruments TUSB6250 Datasheet HTML 36Page - Texas Instruments TUSB6250 Datasheet HTML 37Page - Texas Instruments TUSB6250 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 124 page
background image
Microcontroller Unit (MCU)
6−11
SLLS535A − January 2004
TUSB6250
For some removable media reader applications, if the media connector has connector detection pins at two
opposite sides of the connector (for example, card reader application for compact flash card or PCMCIA type
II card/drive), both CD1STEN and CD2STEN must be enabled to ensure correct detection of media insertion.
The MCUCNFG register is cleared by a power-up reset or a WDT reset. A USB reset can not reset the
MCUCNFG register.
765
43210
RSV
RSV
CD2STEN
CD1STEN
P35STEN
P34STEN
RSV
APP_MODE
R/O
R/O
R/W
R/W
R/W
R/W
R/O
R/W
BIT
NAME
RESET
FUNCTION
0
APP_MODE
0
Application mode. This bit indicates whether the device is running under boot code or firmware
control. The firmware should take extra care and never clear this bit.
APP_MODE = 0 The TUSB6250 is running in the boot sequence mode.
APP_MODE = 1 The TUSB6250 is running under firmware control.
1
RSV
0
Reserved
2
P34STEN
0
P3.4 status change detection enable.
P34STEN = 0 Disable pin P3.4 status change detection
P34STEN = 1 Enable pin P3.4 status change detection
3
P35STEN
0
P3.5 status change detection enable.
P35STEN = 0 Disable pin P3.5 status change detection
P35STEN = 1 Enable pin P3.5 status change detection
4
CD1STEN
0
Card/media detection−1 enable.
CD1STEN = 0 Disable card/media CD1 status detection
CD1STEN = 1 Enable card/media CD1 status detection
5
CD2STEN
0
Card/media detection−2 enable.
CD2STEN = 0 Disable card/media CD2 status detection
CD2STEN = 1 Enable card/media CD2 status detection
7−6
RSV
00
Reserved
6.3.5 PWONSUSP: Power-On Reset and Suspend Detection Register (at ESFR FDh)
The POSP bit of the PWONSUSP register provides a way to let the target ATA/ATAPI device distinguish
between a power-up reset and a remote wakeup (or resume). The MCU can set the POSP bit when it decides
to go into suspend.
The BANKSEL bits are used by the MCU to select one of the eight IDATA memory banks when running in a
multitasking environment to speed up code execution. Figure 6−2 shows the IDATA space multibank memory
configuration map.
The PWONSUSP register is cleared by a power-up reset or a WDT reset. A USB reset can not reset the
PWONSUSP register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com