Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 53Page - Texas Instruments TUSB6250 Datasheet HTML 54Page - Texas Instruments TUSB6250 Datasheet HTML 55Page - Texas Instruments TUSB6250 Datasheet HTML 56Page - Texas Instruments TUSB6250 Datasheet HTML 57Page - Texas Instruments TUSB6250 Datasheet HTML 58Page - Texas Instruments TUSB6250 Datasheet HTML 59Page - Texas Instruments TUSB6250 Datasheet HTML 60Page - Texas Instruments TUSB6250 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 124 page
background image
8−16
SLLS535A − January 2004
TUSB6250
Endpoint #
OUT
Bit Value
1
1
1
1
0
0
0
0
0
E2
E1
E0
1
0
0
0
Bit Number
A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Figure 8−3. OUT-Endpoint Index Generation
Table 8−5. EDB Entries in MMR (n = 1 to 4)
OFFSET
(see Note 3)
ENTRY NAME
DESCRIPTION
07
EPBCNHY_n
I/O endpoint_n: Y byte count (HB) register
06
EPBCNLY_n
I/O endpoint_n: Y byte count (LB) register
05
EPBBADRY_n
I/O endpoint_n: Y buffer base address register (see Note 2)
04
EPSIZXY_n
I/O endpoint_n: X/Y buffer size register
03
EPBCNHX_n
I/O endpoint_n: X byte count (HB) register
02
EPBCNLX_n
I/O endpoint_n: X byte count (LB) register
01
EPBBADRX_n
I/O endpoint_n: X buffer base address register (see Note 2)
00
EPCNFG_n
I/O endpoint_n: configuration register
NOTES:
2. The entry contains the A [11:4] portion of a 16-bit address. See Figure 8−4.
3. Offset number is based on the A[2:0] value.
Inserted by Hardware
Base Address in EDB
Inserted by Hardware
Bit Value
1
1
1
0
A11
A10
A9
A8
A7
A6
A5
A4
0
0
0
0
Bit Number
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Figure 8−4. 16-Bit EDB Data Buffer Address Generation From the Value of the Buffer Base Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com