Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 40Page - Texas Instruments TUSB6250 Datasheet HTML 41Page - Texas Instruments TUSB6250 Datasheet HTML 42Page - Texas Instruments TUSB6250 Datasheet HTML 43Page - Texas Instruments TUSB6250 Datasheet HTML 44Page - Texas Instruments TUSB6250 Datasheet HTML 45Page - Texas Instruments TUSB6250 Datasheet HTML 46Page - Texas Instruments TUSB6250 Datasheet HTML 47Page - Texas Instruments TUSB6250 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 124 page
background image
8−3
SLLS535A − January 2004
TUSB6250
8.2
USBMSK: USB Interrupt Mask Register (XDATA at F007)
Bits [5:0] of the USBMSK register provide a mechanism to allow the MCU and firmware to enable or disable
the generation of certain types of interrupts based on the corresponding status or events that occurred.
The USBMSK register is cleared by a power-up or a WDT reset. A USB reset can not reset the USBMSK
register.
765
43210
RSV
RSV
RSTR
SUSPR
RESUR
WAKCLK
SETUP
STPOW
R/O
R/O
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
STPOW
0
SETUP overwrite interrupt enable bit
STPOW = 0 STPOW interrupt disabled
STPOW = 1 STPOW interrupt enabled
1
SETUP
0
SETUP interrupt enable bit
SETUP = 0 SETUP interrupt disabled
SETUP = 1 SETUP interrupt enabled
2
WAKCLK
0
Wakeup clock interrupt enable.
WAKCLK = 0 Wakeup clock interrupt disabled
WAKCLK = 1 Wakeup clock interrupt enabled
3
RESUR
0
Function resume interrupt enable
RESUR = 0 Function resume interrupt disabled
RESUR = 1 Function resume interrupt enabled
4
SUSPR
0
Function suspend interrupt enable
SUSPR = 0 Function suspend interrupt disabled
SUSPR = 1 Function suspend interrupt enabled
5
RSTR
0
Function reset interrupt enable
RSTR = 0 Function reset interrupt disabled
RSTR = 1 Function reset interrupt enabled
7−6
RSV
00
Reserved. Application firmware must ensure these two bits are set to 00 during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com