Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 71Page - Texas Instruments TUSB6250 Datasheet HTML 72Page - Texas Instruments TUSB6250 Datasheet HTML 73Page - Texas Instruments TUSB6250 Datasheet HTML 74Page - Texas Instruments TUSB6250 Datasheet HTML 75Page - Texas Instruments TUSB6250 Datasheet HTML 76Page - Texas Instruments TUSB6250 Datasheet HTML 77Page - Texas Instruments TUSB6250 Datasheet HTML 78Page - Texas Instruments TUSB6250 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 124 page
background image
I2C Interface Controller
10−2
SLLS535A − January 2004
TUSB6250
10.1 I2C Registers
10.1.1
IECSCR: I2C Status and Control Register (XDATA at F0B0)
The IECSCR register contains the I2C EERPOM speed, error condition indication, and provides status
information for the I2C data registers. It is also used to control the stop condition for read and write operation.
In addition, it provides transmitter and receiver handshake signals.
765
43210
RXF
TSV
ERR
RSV
SP
TXE
RSV
STOP
R/O
R/O
R/C
R/O
R/W
R/O
R/O
R/W
BIT
NAME
RESET
FUNCTION
0
STOP
0
Stop read or write condition generation. By setting or clearing this bit, the MCU can control the I2C
interface controller to generate a stop condition after writing data to or reading data from I2C EEPROM
STOP = 0 Stop condition is not generated for:
S Writes when data from the I2CDOUT register is shifted out to an external I2C device.
S Reads when data from the SDA line is shifted into the I2CDIN register.
STOP = 1 Stop condition is generated for:
S Writes when data from the I2CDOUT register is shifted out to an external I2C device.
S Reads when data from the SDA line is shifted into the I2CDIN register.
1
RSV
0
Reserved = 0
2
TXE
1
I2C transmitter empty. This bit, when set, indicates that the MCU can write data to the I2CDOUT register.
TXE = 0 Transmitter is full. This bit is cleared when the MCU writes a byte to the I2CDOUT register.
TXE = 1 Transmitter is empty. The I2C controller sets this bit when the contents of the I2CDOUT are
copied into the SDA shift register.
3
SP
0
I2C EEPROM speed
SP = 0 I2C speed is 100 Kbit/sec
SP = 1 I2C speed is 400 Kbit/sec
4
RSV
0
Reserved = 0
5
ERR
0
Bus error condition. This bit is set by the hardware when the device does not respond. It is cleared by the
MCU. This bit is cleared when the MCU writes a 1 to this bit. Writing a 0 to this bit has no effect.
ERR = 0 No bus error
ERR = 1 Bus error condition has been detected
6
RSV
0
Reserved = 0
7
RXF
0
I2C receiver full. This bit indicates that the receiver contains new data.
RXF = 0 Receiver is empty. This bit is cleared when the MCU reads the I2CDIN register.
RXF = 1 Receiver contains new data. This bit is set by the I2C interface controller when the received
serial data has been loaded into the I2CDIN register
10.1.2
I2CADR: I2C Device Address Register (XDATA at F0B1)
The I2CADR register holds the I2C device address and the read/write command bit.
765
43210
A6
A5
A4
A3
A2
A1
A0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
R/W
0
Read/write command bit
R/W = 0 Write operation
R/W = 1 Read operation
7−1
A[6:0]
00h
Seven address bits for I2C device addressing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com