Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 22Page - Texas Instruments TUSB6250 Datasheet HTML 23Page - Texas Instruments TUSB6250 Datasheet HTML 24Page - Texas Instruments TUSB6250 Datasheet HTML 25Page - Texas Instruments TUSB6250 Datasheet HTML 26Page - Texas Instruments TUSB6250 Datasheet HTML 27Page - Texas Instruments TUSB6250 Datasheet HTML 28Page - Texas Instruments TUSB6250 Datasheet HTML 29Page - Texas Instruments TUSB6250 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 124 page
background image
Microcontroller Unit (MCU)
6−3
SLLS535A − January 2004
TUSB6250
6.2
Internal XDATA Space [E000
→ F0F9]
The address range from E000 to F0F9 in XDATA space is reserved for data buffers and MMRs.
•
Data buffers of the EDB are all allocated in the address range E000 to EFFF, which are implemented by
SPRAM.
•
MMRs are allocated in the address range F000 to FFFF, which are implemented by registers. MMRs
contain all endpoint descriptors block (EDB) registers, which as the name implies, are used by the MCU
to configure and access each endpoint in the TUSB6250 controller.
Table 6−1 represents the XDATA space allocation and access restriction for the UBM and the MCU.
Table 6−2 describes the complete MMR memory map.
Table 6−1. XDATA Space Map [E000
→ F0F9]
DESCRIPTION
ADDRESS RANGE
UBM ACCESS
MCU ACCESS
F0F9
Internal MMRs
Internal MMRs
(memory mapped registers)
See Notes 1 and 2
Yes
(memory mapped registers)
See Notes 1 and 2
Yes
F000
EFFF
Data buffers
Data buffers
of the EDB
(4K SPRAM)
Yes
Yes
of the EDB
(4K SPRAM)
Yes
Yes
E000
NOTES:
1. The UBM can access all EDB registers in MMRs needed for current endpoint access.
2. The UBM cannot access anything else other than EDBs in MMRs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com