Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 94 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 90Page - Texas Instruments TUSB6250 Datasheet HTML 91Page - Texas Instruments TUSB6250 Datasheet HTML 92Page - Texas Instruments TUSB6250 Datasheet HTML 93Page - Texas Instruments TUSB6250 Datasheet HTML 94Page - Texas Instruments TUSB6250 Datasheet HTML 95Page - Texas Instruments TUSB6250 Datasheet HTML 96Page - Texas Instruments TUSB6250 Datasheet HTML 97Page - Texas Instruments TUSB6250 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 124 page
background image
ATA/ATAPI Interface Port
11−13
SLLS535A − January 2004
TUSB6250
Table 11−3 shows the register address map for the command and control block registers used in the ATA and
ATAPI devices.
Table 11−3. ATA and ATAPI Command and Control Block Registers
ATP_ADR
ATP_ADR
ATA PROTOCOL
ATAPI PROTOCOL
ATP_ADR
[3]
ATP_ADR
[2:0]
READ
WRITE
READ
WRITE
CONTROL BLOCK REGISTER
0
(CS1 pin asserted)
6h
Alternate status
Device control
Alternate status
Device control
COMMAND BLOCK REGISTER
0h
Data register
Data register
1h
Error register
Feature register
Error register
Feature register
2h
Sector count
Interrupt reason
1
3h
Sector number
1
(CS0 pin asserted)
4h
Cylinder low
Byte count low
(CS0 pin asserted)
5h
Cylinder high
Byte count high
6h
Device/head
Device select
7h
Status
Command
Status
Command
NOTE: The other addressable spaces not listed in the table are either reserved, not used, or obsolete addresses according to the ATA/ATAPI-5
specification. It is the application firmware’s responsibility to ensure not to access those spaces. However, if developers have the need
to implement some vendor-specific function in those spaces, the TUSB6250 hardware does not restrict such access and still allows the
transfer to go through.
11.5.6
ATPACSREG3: ATA/ATAPI Access Register 3 (XDATA at F0D5)
765
43210
SECT_CNT7
SECT_CNT6
SECT_CNT5
SECT_CNT4
SECT_CNT3
SECT_CNT2
SECT_CNT1
SECT_CNT0
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
0
SECT_CNT [7:0]
00h
Sector count [7:0] is the lower 8 bits of SEC_CNT [8:0], which contains the read-only sector
count value utilized by the ATA PIO data transfer only.
The SEC_CNT [8:0] initial value:
S Comes from TRNS_BCN [17:9] when the MCU first loads the initial transfer byte count
value.
S Should be consistent with the meaning of the ATA sector count register in the ATA PIO
mode.
After transferring each sector data (512 bytes), SEC_CNT [8:0] is decremented by 1. If the
command execution is terminated normally, the final value of sector count [8:0] should
become 0.
11.5.7
TRANSBCNT0: USB or ATA/ATAPI Transfer Byte Count Register 0 (XDATA at
F0D6)
There are two physical sets of transfer byte count registers in the TUSB6250, which share the same address
range from 0xF0D6 to 0xF0D9 hex.
•
The USB transfer byte count register 0−3, which is used to count the data transferred across the USB
interface.
•
The ATA/ATAPI transfer byte count register 0−3, which is used to count the data transferred across the
ATA/ATAPI interface.
When the MCU performs write access to these registers (0xF0D6–0xF0D9), both the USB transfer byte count
register 0−3 and the ATA/ATAPI transfer byte count register 0−3 are loaded with the same initial value. When
the read access to either set of these registers is desired, the MCU has to set the UABYCNAB bit in the
ATPIFCNFG0 register to select the read access to a particular register set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com