Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 90 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 86Page - Texas Instruments TUSB6250 Datasheet HTML 87Page - Texas Instruments TUSB6250 Datasheet HTML 88Page - Texas Instruments TUSB6250 Datasheet HTML 89Page - Texas Instruments TUSB6250 Datasheet HTML 90Page - Texas Instruments TUSB6250 Datasheet HTML 91Page - Texas Instruments TUSB6250 Datasheet HTML 92Page - Texas Instruments TUSB6250 Datasheet HTML 93Page - Texas Instruments TUSB6250 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 124 page
background image
ATA/ATAPI Interface Port
11−9
SLLS535A − January 2004
TUSB6250
•
If the AUTO_CMD bit is not set (implies the fully-auto mode is not used):
The Task_File0 to Task_File15 registers are not used by the transaction state machine of the ATA/ATAPI
controller. The MCU is responsible to manually write command block registers to set up command, read
the status register to check if the device is busy or any error condition occurred, and transfer command
packets if the device is an ATAPI device.
After the MCU finishes the command setup, setting START_ATAPI to 1 in the semi-auto mode (the
AUTO_CMD bit is not set, but the MAP_SECF bit is set) causes the transaction state machine to start data
transfer if the command is not a nondata command and there is no error.
11.5 ATA/ATAPI Group 1 Registers
Table 11−2. Group 1 Registers
MMR
ADDRESS
Offset Address
(Base Address = F0C0)
REGISTER DESCRIPTION
F0D0
10 h
ATA/ATAPI interface configuration register 0
F0D1
11 h
ATA/ATAPI interface configuration register 1
F0D2
12 h
ATA/ATAPI access register 0
F0D3
13 h
ATA/ATAPI access register 1
F0D4
14 h
ATA/ATAPI access register 2
F0D5
15 h
ATA/ATAPI access register 3
F0D6
16 h
Transfer byte count register 0 (7:0)
F0D7
17 h
Transfer byte count register 1 (15:8)
F0D8
18 h
Transfer byte count register 2 (23:16)
F0D9
19 h
Transfer byte count register 3 (31:24)
F0DA
1A h
Command length register
F0DB
1B h
Block sector count register
F0DC
1C h
PIO transfer speed (assertion time) register
F0DD
1D h
PIO transfer speed (recovery time) register
F0DE
1E h
DMA transfer speed (assertion time) register
F0DF
1F h
DMA transfer speed (recovery time) register
11.5.1
ATPIFCNFG0: ATA/ATAPI Interface Configuration Register 0 (XDATA at F0D0)
The ATPIFCNFG0 register contains ATA/ATAPI interface configuration information and is cleared by a
power-up or a WDT reset. A USB reset can not reset the ATPIFCNFG0 register.
The UABYCNAB bit is used to enable the read access to the USB or ATA/ATAPI transfer byte count registers
(set), which share the same addresses at 0xF0D6–0xF0D9 hex. Before accessing a particular register set
among the two, the firmware has to set this bit to a certain value. To avoid overwriting the value of other bits,
the firmware has to read the contents of the ATPIFCNFG0 register, concatenate the UABYCNAB bit about
to write the bit [6:0] value of the read content, and then write the result back to the ATPIFCNFG0 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com