Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 32Page - Texas Instruments TUSB6250 Datasheet HTML 33Page - Texas Instruments TUSB6250 Datasheet HTML 34Page - Texas Instruments TUSB6250 Datasheet HTML 35Page - Texas Instruments TUSB6250 Datasheet HTML 36Page - Texas Instruments TUSB6250 Datasheet HTML 37Page - Texas Instruments TUSB6250 Datasheet HTML 38Page - Texas Instruments TUSB6250 Datasheet HTML 39Page - Texas Instruments TUSB6250 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 124 page
background image
Interrupts
7−1
SLLS535A − January 2004
TUSB6250
7
Interrupts
7.1
8051 Interrupt and Status Registers
Most 8051 standard interrupt sources (except external interrupt-0 and external interrupt-1) are supported. In
addition, interrupt-5 and interrupt-6 are provided. The real-time kernel (RTK) uses interrupt-6. All additional
internal interrupt sources specified in section 7.2 Additional Interrupt Sources are OR-ed together to generate
interrupt-5. The standard interrupt enable (IE) register controls the enabling of the interrupt source.
External interrupt-0 and external interrupt-1 are not implemented (wired) in the TUSB6250.
There are some minor differences in the vector address between the standard 8051 and the TUSB6250. The
standard 8051 has all the interrupt vector addresses starting with the prefix of 0x0000 hex. In the TUSB6250,
all interrupts being serviced perform a long jump from the boot code to 2xxx hex locations listed in Table 7−1.
The EI5 has an additional overhead of eight instruction cycles before the boot code can jump to location 202B
hex. The firmware must implement a vector address table starting at 0x2000 hex instead of 0x0000 hex.
Unless specified, all standard 8051 interrupt registers listed in this section can be cleared by either a power-up
reset or a WDT reset. They can also be cleared by a USB reset, when the function reset connection bit in the
USBCTL register is set (FRSTE = 1).
Table 7−1. 8051 Standard/Extended Interrupt Location Map for Application Firmware
INTERRUPT
SOURCE
DESCRIPTION
VECTOR ADDRESS
FOR FIRMWARE
COMMENTS
EI6
RTK interrupt
2033H
Interrupt for RTK support
EI5
Internal interrupt-5 (INT5)
202BH
Used for internal vector interrupts
ES
UART interrupt
2023H
ET1
Timer-1 interrupt
201BH
EX1
External interrupt-1 (INT1)
2013H
Not implemented
ET0
Timer-0 interrupt
200BH
EX0
External interrupt-0 (INT0)
2003H
Not implemented
Reset
2000H
After a power-up or a WDT reset, the boot code jumps
to 0x2000H, once the firmware download is finished.
NOTE: The interrupt and register bits marked in the shaded area of this section are not implemented in the TUSB6250.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com