Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 8Page - Texas Instruments TUSB6250 Datasheet HTML 9Page - Texas Instruments TUSB6250 Datasheet HTML 10Page - Texas Instruments TUSB6250 Datasheet HTML 11Page - Texas Instruments TUSB6250 Datasheet HTML 12Page - Texas Instruments TUSB6250 Datasheet HTML 13Page - Texas Instruments TUSB6250 Datasheet HTML 14Page - Texas Instruments TUSB6250 Datasheet HTML 15Page - Texas Instruments TUSB6250 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 124 page
background image
Device Block Diagram
3−1
SLLS535A − January 2004
TUSB6250
3
Device Block Diagram
24 MHz
USB 2.0
UTMI
USB
Host
USB 2.0 PIE
(See Figure 2)
8K Byte
(2K
× 32)
Data RAM
4K Byte
(1K
× 32)
SPRAM
24K Byte
(6K
× 32)
Configurable
RAM for
Code or Data
UBM
(USB Buffer Manager)
8K
× 8
Code
RAM
8051
(60 MHz)
8K
× 8
ROM
I2C
Controller
ATA/ATAPI Interface Controller
Standard IDE Devices
I2C
EEPROM
Figure 3−1. TUSB6250 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com