Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 52Page - Texas Instruments TUSB6250 Datasheet HTML 53Page - Texas Instruments TUSB6250 Datasheet HTML 54Page - Texas Instruments TUSB6250 Datasheet HTML 55Page - Texas Instruments TUSB6250 Datasheet HTML 56Page - Texas Instruments TUSB6250 Datasheet HTML 57Page - Texas Instruments TUSB6250 Datasheet HTML 58Page - Texas Instruments TUSB6250 Datasheet HTML 59Page - Texas Instruments TUSB6250 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 124 page
background image
8−15
SLLS535A − January 2004
TUSB6250
Table 8−4 shows the buffer location address map for a single buffer with a buffer size of 64 bytes.
Table 8−4. EDB0 Buffer Locations (in SPRAM)
ADDRESS
NAME
DESCRIPTION
EFFF
TOPBUFF
Top of buffer space
↑
|
|
|
|
|
↓
TOPBUFF
Buffer space
{(4K – 128) bytes free}
E080
E07F
↑
↑
|
↓
64 bytes
I
Input endpoint_0, buffer
I
E040
↓
E03F
↑
↑
|
↓
64 bytes
↑
I
Output endpoint_0, buffer
|
E000
|
↓
NOTE: The table above is based on a single buffer with a buffer size of
64 bytes for both input and output endpoint-0.
8.10 Endpoint Descriptor Block (EDB-1 to EDB-4)
The endpoint descriptor block (EDB) defines the endpoint characteristics for data transfer between the USB
and the UBM. Four input and four output endpoints are provided. All EDBs are implemented in
memory-mapped registers as defined in Table 6−2.
Double data buffers are provided for EDB-1 to EDB-4 (both input and output endpoints). The firmware in the
MCU decides whether to utilize the double data buffers by writing to the DBUF bit in the IEPCNFG_n and
OEPCNFG_n registers. The double data buffer is disabled by default (DBUF=0). In this case, only the primary
data buffer (X buffer) is enabled.
Each EDB contains information describing the X and Y buffers. In addition, it provides general status
information. Figure 8−2 and Figure 8−3 illustrate
how
the
IN_Endpoint_number
(E[2:0])
and
OUT_Endpoint_number (E[2:0]) are used to generate the index (address) to the input EDB and the output
EDB in the MMR memory map, respectively. Note that A[3] is used to distinguish between input and output.
Table 8−5 illustrates each EDB entry (register) for EDB-1 to EDB-4.
Figure 8−4 illustrates how the complete 16-bit EDB-buffer base address within the MMR memory map is
generated in the TUSB6250 hardware for each EDB data buffer.
As defined in the USB 2.0 specification, the maximum packet size is 512 bytes for a high-speed bulk endpoint
and 64 bytes for a full-speed bulk endpoint.
Endpoint #
IN
Bit Value
1
1
1
1
0
0
0
0
0
E2
E1
E0
0
0
0
0
Bit Number
A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Figure 8−2. IN-Endpoint Index Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com