| Electronic Components Datasheet Search |
|
TUSB6250 Datasheet(PDF) 80 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB6250 Datasheet(HTML) 80 Page - Texas Instruments |
|
80 / 124 page ![]() I2C Interface Controller 10−7 SLLS535A − January 2004 TUSB6250 10.6 Page-Write Operation The page-write operation is initiated in the same way as the byte-write operation, with the exception that a stop condition is not generated after the first I2C EEPROM [DATA] is transmitted. The following describes the sequence of writing 32 bytes in page mode. Device Address + EPROM [High Byte] • The MCU sets I2CSCR [STOP] = 0. This forces the I2C interface controller to not generate a stop condition after the contents of the I2CDOUT register are transmitted. • The MCU writes the device address (R/W bit = 0) to the I2CADR register (write operation). • The MCU writes the high byte of the I2C EEPROM address into the I2CDOUT register. • The TXE bit in the I2CSCR register is cleared (indicating busy). • The contents of the I2CADR register are transmitted to the I2C EEPROM (preceded by a start condition on SDA). • The contents of the I2CDOUT register are transmitted to the I2C EEPROM (EEPROM address). • The TXE bit in the I2CSCR register is set and interrupts the MCU, indicating that the I2CDOUT register contents have been transmitted. EPROM [Low Byte] • The MCU writes the low byte of the I2C EEPROM address into the I2CDOUT register. • The TXE bit in the I2CSCR register is cleared (indicates busy). • The contents of the I2CDOUT register are transmitted to the I2C EEPROM (EEPROM address). • The TXE bit in the I2CSCR register is set and interrupts the MCU, indicating that the I2CDOUT register contents have been transmitted. EPROM [DATA] − 31 Bytes • The data to be written to the I2C EEPROM is written by the MCU into the I2CDOUT register. • The TXE bit in the I2CSCR register is cleared (indicates busy). • The contents of the I2CDOUT register are transmitted to the I2C EEPROM (EEPROM data). • The TXE bit in the I2CSCR register is set and interrupts the MCU, indicating that the I2CDOUT register contents have been transmitted. • This operation repeats 31 times. EPROM [DATA] − Last Byte • The MCU sets I2CSCR [STOP] = 1. This forces the I2C interface controller to generate a stop condition after the contents of the I2CDOUT register are transmitted. • The MCU writes the last date byte to be written to the I2C EEPROM into the I2CDOUT register. • The TXE bit in the I2CSCR register is cleared (indicates busy). • The contents of the I2CDOUT register are transmitted to I2C EEPROM (EEPROM data) • The TXE bit in the I2CSCR register is set and interrupts the MCU, indicating that the I2CDOUT register contents have been transmitted. • The I2C interface controller generates a stop condition after the contents of I2CDOUT register are transmitted. • End of 32-byte page-write operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |