Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB6250 Datasheet HTML 1Page - Texas Instruments TUSB6250 Datasheet HTML 2Page - Texas Instruments TUSB6250 Datasheet HTML 3Page - Texas Instruments TUSB6250 Datasheet HTML 4Page - Texas Instruments TUSB6250 Datasheet HTML 5Page - Texas Instruments TUSB6250 Datasheet HTML 6Page - Texas Instruments TUSB6250 Datasheet HTML 7Page - Texas Instruments TUSB6250 Datasheet HTML 8Page - Texas Instruments TUSB6250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 124 page
background image
Contents
iv
SLLS535A − January 2004
TUSB6250
8
USB Function and Registers
8−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.1
USBCTL: USB Control Register (XDATA at F006)
8−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.1.1
USB Enumeration
8−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.1.2
USB Reset
8−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.1.3
USB 2.0 Test Mode
8−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.2
USBMSK: USB Interrupt Mask Register (XDATA at F007)
8−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.3
USBSTA: USB Status Register (XDATA at F008)
8−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.3.1
USB Suspend
8−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.3.2
WAKCLK Interrupt and Remote Wake-Up
8−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.4
FUNADR: Function Address Register (XDATA at F009)
8−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.5
UTMICFG: UTMI Configuration Status Register (XDATA at F00A)
8−9
. . . . . . . . . . . . . . . . . . . . . . . . . . .
8.6
USBFCL: USB Frame Counter Low-Byte Register (XDATA at F00B)
8−10
. . . . . . . . . . . . . . . . . . . . . . . .
8.7
USBFCH: USB Frame Counter High-Byte Register (XDATA at F00C)
8−10
. . . . . . . . . . . . . . . . . . . . . . .
8.8
USBWKUP: USB Wake-Up Reason Register (XDATA at F00D)
8−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.9
Endpoint-0 Descriptor Registers
8−12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.9.1
IEPCNFG_0: Input Endpoint-0 Configuration Register (XDATA at F000)
8−13
. . . . . . . . . . .
8.9.2
IEPBCN_0: Input Endpoint-0 Buffer Byte Count Register (XDATA at F001)
8−13
. . . . . . . . .
8.9.3
OEPCNFG_0: Output Endpoint-0 Configuration Register (XDATA at F003)
8−14
. . . . . . . . .
8.9.4
OEPBCN_0: Output Endpoint-0 Buffer Byte Count Register (XDATA at F004)
8−14
. . . . . .
8.10
Endpoint Descriptor Block (EDB-1 to EDB-4)
8−15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.10.1
IEPCNFG_n: Input Endpoint Configuration (n = 1 to 4)
(XDATA at F010, F020, F030, F040)
8−17
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.10.2
IEPBBADRX_n: Input Endpoint X-Buffer Base Address (n = 1 to 4)
(XDATA at F011, F021, F031, F041)
8−17
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.10.3
IEPBCNLX_n: Input Endpoint X-Buffer Byte Count Low Byte (n = 1 to 4)
(XDATA at F012, F022, F032, F042)
8−18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.10.4
IEPBCNHX_n: Input Endpoint X-Buffer Byte Count High Byte (n = 1 to 4) (XDATA at
F013, F023, F033, F043)
8−18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.10.5
IEPSIZXY_n: Input Endpoint X/Y-Buffer Size (n = 1 to 4) (XDATA at F014,
F024, F034, F044)
8−19
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.10.6
IEPBBADRY_n: Input Endpoint Y-Buffer Base Address (n = 1 to 4)
(XDATA at F015, F025, F035, F045)
8−19
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.10.7
IEPBCNLY_n: Input Endpoint Y-Buffer Byte Count Low Byte (n = 1 to 4)
(XDATA at F016, F026, F036, F046)
8−19
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.10.8
IEPBCNHY_n: Input Endpoint Y-Buffer Byte Count High Byte (n = 1 to 4)
(XDATA at F017, F027, F037, F047)
8−20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.10.9
OEPCNF_n: Output Endpoint Configuration (n = 1 to 4) (XDATA at F018,
F028, F038, F048)
8−20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.10.10
OEPBBAX_n: Output Endpoint X-Buffer Base Address (n = 1 to 4)
(XDATA at F019, F029, F039, F049)
8−21
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.10.11
OEPBCNLX_n: Output Endpoint X-Buffer Byte Count Low Byte (n = 1 to 4)
(XDATA at F01A, F02A, F03A, F04A)
8−21
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.10.12
OEPBCNHX_n: Output Endpoint X-Buffer Byte Count High Byte (n = 1 to 4)
(XDATA at F01B, F02B, F03B, F04B)
8−21
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.10.13
OEPSIZXY_n: Output Endpoint X/Y-Buffer Size (n = 1 to 4) (XDATA at F01C,
F02C, F03C, F04C)
8−22
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.10.14
OEPBBADRY_n: Output Endpoint Y-Buffer Base Address (n = 1 to 4)
(XDATA at F01D, F02D, F03D, F04D)
8−22
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.10.15
OEPBCNLY_n: Output Endpoint Y-Buffer Byte Count Low Byte (n = 1 to 4)
(XDATA at F01E, F02E, F03E, F04E)
8−22
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.10.16
OEPBCNHY_n: Output Endpoint Y-Buffer Byte Count High Byte (n = 1 to 4)
(XDATA at F01F, F02F, F03F, F04F)
8−23
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.11
Serial Number Registers
8−24
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com