Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 59Page - Texas Instruments TUSB6250 Datasheet HTML 60Page - Texas Instruments TUSB6250 Datasheet HTML 61Page - Texas Instruments TUSB6250 Datasheet HTML 62Page - Texas Instruments TUSB6250 Datasheet HTML 63Page - Texas Instruments TUSB6250 Datasheet HTML 64Page - Texas Instruments TUSB6250 Datasheet HTML 65Page - Texas Instruments TUSB6250 Datasheet HTML 66Page - Texas Instruments TUSB6250 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 124 page
background image
8−22
SLLS535A − January 2004
TUSB6250
•
The UBM (USB buffer manager, a DMA engine on the USB side) of the TUSB6250 loads the data into
either the X buffer or Y buffer, depending on the following conditions:
•
If DBUF = 1, TOGLE = 0, and the data PID = DATA0:
The UBM loads the data into the X buffer of the out-endpoint data buffer (4K byte EDB) and updates
the X-buffer byte count information in the OEPBCNLX_n and OEPBCNHX_n registers.
•
If DBUF = 1, TOGLE = 1, and the data PID = DATA1:
The UBM loads the data into the Y buffer of the out-endpoint data buffer (4K byte EDB) and updates
the Y-buffer byte count information in the OEPBCNLY_n and OEPBCNHY_n registers.
•
The MCU is alerted with an ACK interrupt to the current out-endpoint. The firmware processes the
received data packet stored in either the X buffer or Y buffer of the out-endpoint data buffers.
•
Once the firmware finishes the processing, the out-endpoint data buffer is empty. The firmware then clears
the NAK bit to 0 to indicate to the TUSB6250 hardware that it is ready for the next host-out request.
8.10.13 OEPSIZXY_n: Output Endpoint X/Y-Buffer Size Register (n = 1 to 4) (XDATA at F01C, F02C,
F03C, F04C)
The OEPSIZXY_n register contains the X- and Y-buffer size for the specified output endpoint.
765
43210
S10
S9
S8
S7
S6
S5
S4
S3
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
S [10:3]
00h
X- and Y-buffer size in byte: S [10:3] is padded with zeros (S[10:3] & 000) to produce an 11-bit value.
Size is 0 to 1024 in increments of eight.
8.10.14 OEPBBADRY_n: Output Endpoint Y-Buffer Base Address Register (n = 1 to 4) (XDATA at F01D,
F02D, F03D, F04D)
The OEPBBADRY_n register contains the Y-buffer base address for the specified output endpoint.
765
43210
A11
A10
A9
A8
A7
A6
A5
A4
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
A [11:4]
00h
This is the middle 8-bit value of the complete (1110 & A[11:4] & 0000) 16-bit Y-buffer base address.
See Figure 8−4. This value can be set only by the MCU. The UBM or the MCU uses this value as the
start address of Y buffer for a given transaction.
8.10.15 OEPBCNLY_n: Output Endpoint Y-Buffer Byte Count Low-Byte Register (n = 1 to 4) (XDATA at
F01E, F02E, F03E, F04E)
The OEPBCNLY_n register contains the lower 8-bit value in the Y buffer that is used to specify the amount
of data received in a data packet from the USB host.
765
43210
C7
C6
C5
C4
C3
C2
C1
C0
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7−0
C [7:0]
00h
Y-buffer byte count: low byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com