Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 69Page - Texas Instruments TUSB6250 Datasheet HTML 70Page - Texas Instruments TUSB6250 Datasheet HTML 71Page - Texas Instruments TUSB6250 Datasheet HTML 72Page - Texas Instruments TUSB6250 Datasheet HTML 73Page - Texas Instruments TUSB6250 Datasheet HTML 74Page - Texas Instruments TUSB6250 Datasheet HTML 75Page - Texas Instruments TUSB6250 Datasheet HTML 76Page - Texas Instruments TUSB6250 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 124 page
background image
Miscellaneous and GPIO Configuration Registers
9−8
SLLS535A − January 2004
TUSB6250
9.8
PUPDPWDN_ATPOUT: Pullup and Pulldown Resistors Power Down Register for
ATA/ATAPI Outputs (XDATA at F090)
The PUPDPWDN_ATPOUT register allows the MCU to enable/disable all of the pullup and pulldown resistors
for the TUSB6250’s ATA/ATAPI output terminals. To select the desired pullup or pulldown resistor, the MCU
must configure the appropriate register bit in PUPDSLCT_ATPOUT.
For MCU access to the PUPDPWDN_ATPOUT register:
•
If the MCU sets any bit to 1, both the pullup and pulldown resistors are disabled on the specified ATA/ATAPI
bus pin.
•
If the MCU clears this bit to 0, either the pullup or the pulldown resistor is enabled for the specified
ATA/ATAPI bus output terminal with the selection controlled by the corresponding bit in the
PUPDSLCT_ATPOUT register.
The power-up default is to enable the internal pullup/pulldown resistors for all the output terminals on the
TUSB6250 ATA/ATAPI bus.
76
5
4
3
2
1
0
RSV
PUOFFRSTATA
PUOFFDIOW
PUOFFDIOR
PUOFFDMACK
PUOFFDA
PUOFFCS1
PUOFFCS0
R/O
R/O
R/O
R/O
R/W
R/W
R/O
R/W
BIT
NAME
RESET
FUNCTION
0
PUOFFCS0
0
CS0 pin pullup/pulldown resistor power down configuration by the MCU.
1
PUOFFCS1
0
CS1 pin pullup/pulldown resistor power down configuration by the MCU.
2
PUOFFDA
0
DA2, DA1, and DA0 pins pullup/pulldown resistor power down configuration by the MCU.
3
PUOFFDMACK
0
DMACK pin pullup/pulldown resistor power down configuration by the MCU.
4
PUOFFDIOR
0
DIOR pin pullup/pulldown resistor power down configuration by the MCU.
5
PUOFFDIOW
0
DIOW pin pullup/pulldown resistor power down configuration by the MCU.
6
PUOFFRSTATA
0
RST_ATA pin pullup/pulldown resistor power down configuration by the MCU.
7
RSV
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com