Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 99 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 95Page - Texas Instruments TUSB6250 Datasheet HTML 96Page - Texas Instruments TUSB6250 Datasheet HTML 97Page - Texas Instruments TUSB6250 Datasheet HTML 98Page - Texas Instruments TUSB6250 Datasheet HTML 99Page - Texas Instruments TUSB6250 Datasheet HTML 100Page - Texas Instruments TUSB6250 Datasheet HTML 101Page - Texas Instruments TUSB6250 Datasheet HTML 102Page - Texas Instruments TUSB6250 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 124 page
background image
ATA/ATAPI Interface Port
11−18
SLLS535A − January 2004
TUSB6250
Table 11−5. Multiword DMA Mode and Timing Correlation Chart
CYCLE TIME (t0)
ASSERTION TIME (tD)
RECOVERY TIME (tK)
MWDMA
TRANSFER
MODE
TIME
(ns)
TIME
(ns)
# OF CLKS (SEE
NOTE 1)
TIME
(ns)
# OF CLKS (SEE
NOTE 1)
TRANSFER
MODE
SPEC
(MIN)
ACTUAL
SPEC
(MIN)
ACTUAL
REGISTER
SETTING
ACTUAL
SPEC
(MIN)
ACTUAL
REGISTER
SETTING
ACTUAL
0
480
483.43
215
216.71
12
13
250
266.72
14
16
1
150
150.03
80
83.35
4
5
50
66.68
2
4
2
120
133.36
70
83.35
4
5
25
50.01
1
3
Other
N/A
483.43
N/A
216.71
12
13
N/A
266.72
14
16
NOTES:
1. All the actual timing listed is based on the 60-MHz clock cycle (16.67 ns) used in the TUSB6050.
2. The spec value listed is based on the ATA/ATAPI-5 specification.
3. The actual recovery time is obtained with the consideration to meet both the cycle time and recovery time value specified in the
ATA/ATAPI-5 specification, after meeting the assertion time.
4. Since the TUSB6250 hardware always adds one extra clock cycle to the assertion time value and two extra clock cycles to the
recovery time value, the TUSB6250 firmware needs to use one less than the desired number of clock cycles for any assertion time
and two less for any recovery time programming value. For example, to achieve 216.71-ns assertion and a 266.72-ns recovery time
for MWDMA mode 0, instead of using 13 clock cycles as the assertion and 16 clock cylces as the recovery time value, the firmware
only needs to use 12 clock cycles as assertion time and 14 clock cycles as the recovery time programming value.
5. According to the ATA/ATAPI-5 specification, the TUSB6250 firmware can issue an IDENTIFY DEVICE command to determine the
supported modes of the mass storage device and then use the corresponding timing in this table during the data transfer.
Table 11−6. Ultra DMA Mode and Timing Correlation Chart (applies to UDMA Write only)
CYCLE TIME
ASSERTION TIME (tCYC)
RECOVERY TIME (tRP)
UDMA
TRANSFER
TIME
(ns)
TIME
(ns)
# OF CLKS (SEE
NOTE 1)
TIME
(ns)
# OF CLKS (SEE
NOTE 1)
TRANSFER
MODE
SPEC
(MIN)
ACTUAL
SPEC
(MIN)
ACTUAL
REGISTER
SETTING
ACTUAL
SPEC
(MIN)
ACTUAL
REGISTER
SETTING
ACTUAL
(SEE
NOTE 4)
0
224
233.38
112
116.69
5
7
160
166.7
9
10
1
146
166.7
73
83.35
3
5
125
133.36
7
8
2
108
133.36
54
66.68
2
4
100
100.02
5
6
3
78
100.02
39
50.01
1
3
100
100.02
5
6
4
50
66.68
25
33.34
0
2
100
100.02
5
6
Other
N/A
233.38
N/A
116.69
5
7
N/A
166.7
9
10
NOTES:
1. All the actual timing listed is based on the 60-MHz clock cycle (16.67 ns) used in the TUSB6050.
2. The spec value listed is based on the ATA/ATAPI-5 specification.
3. ATA/ATAPI-5 specification does not define cycle time for UDMA data transfer. The cycle time is used here for easy comparison with
PIO and MWDMA mode, which equals twice the assertion time.
4. The actual recovery time tRP has an actual overhead of one to three clock cycles. What is listed in this table is the minimum value.
It should be noted that the recovery time has no contribution to the cycle time in the UDMA data transfer, since it only affects the
timing when pausing a UDMA data transfer.
5. The firmware needs to use two less clock cycles than the desired number of clock cycles for the assertion time and one less clock
cycles for the recovery time programming value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com