Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 102 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 98Page - Texas Instruments TUSB6250 Datasheet HTML 99Page - Texas Instruments TUSB6250 Datasheet HTML 100Page - Texas Instruments TUSB6250 Datasheet HTML 101Page - Texas Instruments TUSB6250 Datasheet HTML 102Page - Texas Instruments TUSB6250 Datasheet HTML 103Page - Texas Instruments TUSB6250 Datasheet HTML 104Page - Texas Instruments TUSB6250 Datasheet HTML 105Page - Texas Instruments TUSB6250 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 124 page
background image
ATA/ATAPI Interface Port
11−21
SLLS535A − January 2004
TUSB6250
11.6.5
MCUACSL: MCU Access Address Low-Byte Register (XDATA at F0E4)
765
43210
MACS_ADR7
MACS_ADR6
MACS_ADR5
MACS_ADR4
MACS_ADR3
MACS_ADR2
MACS_ADR1
MACS_ADR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
MACS_ADR [7:0]
00h
MCU access address [7:0]. These bits contain the MCU access sector FIFO memory address
lower 8 bits.
11.6.6
MCUACSH: MCU Access Address High-Byte Register (XDATA at F0E5)
7
6
5
4
3
2
1
0
MACS_DIR
MACS_BUSY
RSV
MACS_ADR12
MACS_ADR11
MACS_ADR10
MACS_ADR9
MACS_ADR8
R/W
R/O
R/O
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
4−0
MACS_ADR [12:8]
00 h
MCU access address [12:8]. These bits contain the MCU access sector FIFO
memory address higher 5 bits.
5
RSV
0
Reserved
6
MACS_BUSY
0
MCU access busy. Read only.
This bit, when set, indicates the internal logic is busy prefetching the next 32-bit
read data or writing the 32-bit data to the sector FIFO memory from the MCU data
byte 0−3 registers.
7
MACS_DIR
0
MCU access direction.
S If MACS_DIR = 0, MCU is going to write data to sector FIFO memory.
S If MACS_DIR = 1, MCU is going to read data from sector FIFO memory.
When the MCU sets MACS_DIR to 1 by first writing to the MCU access address
high-byte register, the internal logic prefetches the read data pointed by
MACS_ADR [12:0], stores the read data in the MCU data byte 0−3 registers, and
increments MACS_ADR [12:0] by 1.
11.6.7
ATPINTRPT0: ATA/ATAPI Interrupt Register 0 and ATPINTMSK0: ATA/ATAPI
Interrupt Mask Register 0 (XDATA at F0E6, F0E7)
This register set includes the ATA/ATAPI interrupt register 0 (allocated at the MMR address F0E6 hex) and
the ATA/ATAPI interrupt mask register 0 (allocated at the MMR address F0E7 hex).
The ATA/ATAPI interrupt register 0 provides the source information of the interrupt. The MCU can read this
register and find out the source of a pending interrupt, if any. To clear a particular interrupt, the MCU needs
to write a 1 to the corresponding bit to clear it to 0. There is another way to clear the USB_XFR_DN and
ATP_XFR_DN interrupts, which is automatically cleared to 0 when the firmware sets the START_ATAPI bit
in the ATPIFCNFG1 register to begin a data transfer.
7
6
5
4
3
2
1
0
ATP_COMP
ATP_ER
ATP_XFR_DN
USB_XFR_PEND
USB_XFR_DN
ATP_BYTECN_MIS
ATPINT1_PEND
ATP_INT
R/W
R/W
R/W
R/W
R/W
R/W
R/O
R/W
BIT
NAME
RESET
FUNCTION
0
ATP_INT
0
ATAPI interrupt. This bit indicates that an interrupt has occurred at the ATA/ATAPI
interface.
S ATP_INT is set only during the manual phase of a sequence.
S During the automatic phase of a sequence, the hardware handles ATA INTRQ
automatically without the MCU intervention.
1
ATPINT1_PEND
0
Interrupt pending in ATPINTRPT1.
This bit, when set, indicates that in addition to the interrupt source indicated in this register
(ATPINTRPT0), there is also some other interrupt source for the current pending ATA
interrupt (vector value = 0x48 hex) reflected in the vector interrupt register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com