Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 106 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 102Page - Texas Instruments TUSB6250 Datasheet HTML 103Page - Texas Instruments TUSB6250 Datasheet HTML 104Page - Texas Instruments TUSB6250 Datasheet HTML 105Page - Texas Instruments TUSB6250 Datasheet HTML 106Page - Texas Instruments TUSB6250 Datasheet HTML 107Page - Texas Instruments TUSB6250 Datasheet HTML 108Page - Texas Instruments TUSB6250 Datasheet HTML 109Page - Texas Instruments TUSB6250 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 124 page
background image
ATA/ATAPI Interface Port
11−25
SLLS535A − January 2004
TUSB6250
11.6.11
SECWRPTH: Sector FIFO Write Pointer High-Byte Register (XDATA at F0EC)
7
6
5
43210
SEC_FIFO_EMPT
RSV
WR_PTR13
WR_PTR12
WR_PTR11
WR_PTR10
WR_PTR9
WR_PTR8
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
5−0
WR_PTR [13:8]
00h
These bits contain the sector FIFO write pointer higher 6-bit value. Read only
WR_PTR [13:0] is used as the current write pointer to write data into sector FIFO. The write
data is temporarily invisible to the read side until the data gets confirmed. When the UBM writes
the received data from the USB to the sector FIFO and CRC error occurs, the UBM aborts the
written data, then WR_PTR_BK [13:0] is copied back into WR_PTR [13:0] to rewind WR_PTR
[13:0] back to the location before the write.
6
RSV
0
Reserved
7
SEC_FIFO_EMPT
0
Sector FIFO empty. Read only
This bit, when set, indicates the sector FIFO is empty.
Before executing any command with data transfer, the MCU needs to make sure the
SEC_FIFO_EMPT is set. If it is not set due to error from a previous command, the MCU must
set the CLR_SECFIFO bit (bit 1 of the ATA/ATAPI access register 2) to completely empty the
sector FIFO.
11.6.12 WRPTBKUPL: Sector FIFO Write Pointer Backup Low-Byte Register (XDATA at
F0ED)
7
6
5
432
10
WR_PTR_BK7
WR_PTR_BK6 WR_PTR_BK5 WR_PTR_BK4 WR_PTR_BK3 WR_PTR_BK2 WR_PTR_BK1 WR_PTR_BK0
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7−0
WR_PTR_BK [7:0]
00h
This register contains the confirmed sector FIFO write pointer lower 8-bit value. Read only
11.6.13 WRPTBKUPH: Sector FIFO Write Pointer Backup High-Byte Register (XDATA at
F0EE)
7
6
54321
0
RSV
RSV
WR_PTR_BK13
WR_PTR_BK12
WR_PTR_BK11
WR_PTR_BK10
WR_PTR_BK9
WR_PTR_BK8
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
5−0
WR_PTR_BK [13:8]
00h
These bits contain the confirmed sector FIFO write pointer higher 6-bit value. Read only.
When the write data is confirmed, WR_PTR [13:0] is copied into WR_PTR_BK [13:0]. The read
side of the sector FIFO can only read the data up to the location pointed to by WR_PTR_BK
[13:0].
7−6
RSV
00
Reserved
11.6.14 SECRDPTL: Sector FIFO Read Pointer Low-Byte Register (XDATA at F0EF)
765
43210
RD_PTR7
RD_PTR6
RD_PTR5
RD_PTR4
RD_PTR3
RD_PTR2
RD_PTR1
RD_PTR0
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7−0
RD_PTR [7:0]
00h
This register contains the sector FIFO write pointer lower 8-bit value. Read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com