Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 107 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 107 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 103Page - Texas Instruments TUSB6250 Datasheet HTML 104Page - Texas Instruments TUSB6250 Datasheet HTML 105Page - Texas Instruments TUSB6250 Datasheet HTML 106Page - Texas Instruments TUSB6250 Datasheet HTML 107Page - Texas Instruments TUSB6250 Datasheet HTML 108Page - Texas Instruments TUSB6250 Datasheet HTML 109Page - Texas Instruments TUSB6250 Datasheet HTML 110Page - Texas Instruments TUSB6250 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 124 page
background image
ATA/ATAPI Interface Port
11−26
SLLS535A − January 2004
TUSB6250
11.6.15 SECRDPTH: Sector FIFO Read Pointer High-Byte Register (XDATA at F0F0)
7
6
54321
0
RSV
RSV
RD_PTR13
RD_PTR12
RD_PTR11
RD_PTR10
RD_PTR9
RD_PTR8
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
5−0
RD_PTR [13:8]
00h
These bits contain the sector FIFO read pointer higher 6-bit value. Read only
The sector FIFO controller uses RD_PTR [13:0] as the current read pointer to read data out
from sector FIFO.
S When the UBM reads the data from the sector FIFO and transmits the data to USB,
meanwhile there is an ACK timeout, the UBM rewinds the read pointer by copying
RD_PTR_BK [13:0] back to RD_PTR [13:0].
S If the ATA/ATAPI side reads the data from the sector FIFO, the read pointer cannot be
rewound.
S After each read from the ATA side, RD_PTR [13:0] is incremented by 1 and the new value
is copied into RD_PTR_BK [13:0].
7−6
RSV
00
Reserved
11.6.16 RDPTBKUPL: Sector FIFO Read Pointer Backup Low-Byte Register (XDATA at
F0F1)
7
6
5
432
10
RD_PTR_BK7
RD_PTR_BK6
RD_PTR_BK5
RD_PTR_BK4
RD_PTR_BK3
RD_PTR_BK2
RD_PTR_BK1
RD_PTR_BK0
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7−0
RD_PTR_BK [7:0]
00h
This register contains the confirmed sector FIFO read pointer lower 8-bit value. Read only
11.6.17 RDPTBKUPH: Sector FIFO Read Pointer Backup High-Byte Register (XDATA at
F0F2)
7
6
54321
0
RSV
RSV
RD_PTR_BK13
RD_PTR_BK12
RD_PTR_BK11
RD_PTR_BK10
RD_PTR_BK9
RD_PTR_BK8
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
5−0
RD_PTR [13:8]
00h
These bits contain the confirmed sector FIFO read pointer higher 6-bit value. Read only.
RD_PTR [13:0] allows the UBM to retransmit a data packet if an ACK timeout occurs.
S When the UBM transmit packet gets ACKed, the sector FIFO controller copies the
RD_PTR [13:0] to RD_PTR_BK [13:0].
S When the UBM needs to retransmit the packet, the sector FIFO controller copies the
RD_PTR_BK [13:0] back to RD_PTR [13:0] to rewind the read pointer.
7−6
RSV
00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com