Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 50Page - Texas Instruments TUSB6250 Datasheet HTML 51Page - Texas Instruments TUSB6250 Datasheet HTML 52Page - Texas Instruments TUSB6250 Datasheet HTML 53Page - Texas Instruments TUSB6250 Datasheet HTML 54Page - Texas Instruments TUSB6250 Datasheet HTML 55Page - Texas Instruments TUSB6250 Datasheet HTML 56Page - Texas Instruments TUSB6250 Datasheet HTML 57Page - Texas Instruments TUSB6250 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 124 page
background image
8−13
SLLS535A − January 2004
TUSB6250
8.9.1 IEPCNFG_0: Input Endpoint-0 Configuration Register (XDATA at F000)
The IEPCNFG_0 register contains various bits used to configure and control this endpoint.
765
43210
UBME
NAK_INTE
TOGLE
RSV
STALL
USBIE
BZ1
BZ0
R/W
R/W
R/O
R/O
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
1−0
BZ [1:0]
00b
Endpoint-0 buffer size for IN and OUT transaction. The value of this field also defines the starting address
of the input buffer. See Table 8−3.
00 = 8 bytes
01 = 16 bytes
10 = 32 bytes
11 = 64 bytes
2
USBIE
0
USB interrupt enable on transaction completion. Set/cleared by the MCU.
USBIE = 0 No interrupt
USBIE = 1 Interrupt on transaction completion
3
STALL
0
USB stall condition indication. Set/cleared by the MCU.
STALL = 0 No stall
STALL = 1 USB stall condition. If set by the MCU, a STALL handshake is initiated and the bit is cleared
automatically by the next setup transaction.
4
RSV
0
Reserved
5
TOGLE
0
USB toggle bit. The hardware resets this bit when the setup packet is received.
6
NAK_INTE
0
NAK interrupt enable
NAK_INTE = 0 NAK does not trigger interrupt
NAK_INTE = 1 NAK triggers an interrupt
7
UBME
0
UBM enable/disable bit. Set/cleared by the MCU.
UBME = 0 UBM can not use this endpoint.
UBME = 1 UBM can use this endpoint.
8.9.2 IEPBCN_0: Input Endpoint-0 Buffer Byte Count Register (XDATA at F001)
The IEPBCN_0 register contains the NAK bit and the 7-bit value used to specify the amount of data to be
transmitted in a data packet to the USB host.
765
43210
NAK
C6
C5
C4
C3
C2
C1
C0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
6−0
C [6:0]
00h
Byte count. Only count of 0 to 64 (00h to 40h) is supported.
00h Byte count = 0
:
40h Byte count = 64
41h to 7Fh should not be used. If the MCU writes any value greater than 0x40 to C[6:0], the TUSB6250
hardware corrects it and only writes 0x40 to C [6:0].
7
NAK
1
NAK=0 Buffer contains a valid packet for Host-IN request
NAK=1 Buffer is empty (will NAK Host-IN request)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com