Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 82Page - Texas Instruments TUSB6250 Datasheet HTML 83Page - Texas Instruments TUSB6250 Datasheet HTML 84Page - Texas Instruments TUSB6250 Datasheet HTML 85Page - Texas Instruments TUSB6250 Datasheet HTML 86Page - Texas Instruments TUSB6250 Datasheet HTML 87Page - Texas Instruments TUSB6250 Datasheet HTML 88Page - Texas Instruments TUSB6250 Datasheet HTML 89Page - Texas Instruments TUSB6250 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 124 page
background image
ATA/ATAPI Interface Port
11−5
SLLS535A − January 2004
TUSB6250
PWR100
Pulled High by
External Pullup
Resistor
PWR500
Signal-Connect
to the USB Host
TUSB6250 Configured
by the USB Host
RST_ATA
t0
Pulled Low by
Internal Pulldown
Resistor
Driven Low by
TUSB6250 Under
Firmware Control
Figure 11−3. ATA/ATAPI Bus Power-Up and Reset Sequence
Note that the PWR500 function showed in the Figure 11−3 is not implemented in the TUSB6250 hardware.
The option of whether to implement this functionality in the firmware as described is up to the end product
developer. The detailed ATA/ATAPI bus behavior is described below for reference. Figure 11−3 assumes the
power-up reset to the TUSB6250 is finished and the controller is in the boot sequence under the control of
boot code at the beginning, which is marked as the time t0 as shown:
•
After power-up reset, the whole ATA/ATAPI interface of the TUSB6250 is disabled with all output buffers
turned off. Internal 200-
µA pulldown resistors are enabled on all signals of the ATA/ATAPI bus to avoid
bus floating. As shown in Figure 11−3, the output buffer on the RST_ATA signal is also turned off with the
internal pulldown resistor activated.
•
Both the PWR100 and PWR500 pins are open-drain outputs without the internal pullup or pulldown
resistors. Their open-drain buffers are turned off during power-up reset. It is the developer’s responsibility
to have external pullup resistors to pull these two signals up during power up.
•
Whenever VBUS is detected from the upstream USB bus, the boot code drives PWR100 low to indicate
that the controller is in the enumeration stage and allowed to consume 100 mA from the VBUS. This can
also serve as an alert signal to let the ATA/ATAPI device connected to the TUSB6250’s ATA/ATAPI
interface prepare for the upcoming ATA/ATAPI power-up reset sequencing.
•
When the TUSB6250 is fully configured by the upstream USB host, the end product specific application
firmware could choose to drive the PWR500 signal to low, which could be used to indicate that the
complete end product is allowed to draw 500 mA for a bus-powered application. This signal, if
implemented in firmware, can also act as a power control signal to turn on the ATA/ATAPI drive.
•
Once the TUSB6250 is fully configured and the application firmware is fully loaded, the boot code hands
over the control to the application firmware, which reconfigures all GPIOs and pullup and pulldown
resistors to meet the application requirement. When the firmware is ready, it drives the RST_ATA pin low
by setting the HARD_RST bit in the ATPIFCNFG1 register. The firmware then enables the ATA/ATAPI bus
by clearing the ATP_DIS bit in the CMNDLNGTH register to start the ATA/ATAPI power-up reset
sequencing. The firmware then clears the HARD_RST bit to de-assert the RST_ATA, when the ATA/ATAPI
reset duration time is met.
•
In case the boot code fails to detect the VBUS during boot time, it leaves the PWR100 alone (without
driving it). The firmware, once it has taken over, has to perform the power sequencing to the ATAPI drive
by asserting these two power control signals. This applies to both the bus-powered application and the
self-powered application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com