Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 42Page - Texas Instruments TUSB6250 Datasheet HTML 43Page - Texas Instruments TUSB6250 Datasheet HTML 44Page - Texas Instruments TUSB6250 Datasheet HTML 45Page - Texas Instruments TUSB6250 Datasheet HTML 46Page - Texas Instruments TUSB6250 Datasheet HTML 47Page - Texas Instruments TUSB6250 Datasheet HTML 48Page - Texas Instruments TUSB6250 Datasheet HTML 49Page - Texas Instruments TUSB6250 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 124 page
background image
8−5
SLLS535A − January 2004
TUSB6250
For the TUSB6250, the timing to enter the USB suspend is controlled by the application firmware running on
the embedded MCU. This flexibility allows the firmware to delay the time to go into suspend when the MCU
is currently busy on some tasks that need to be finished before the suspend.
Since the firmware controls the time to enter the suspend, in order to be compliant with USB 2.0 specification,
it is the firmware’s responsibility to ensure that it clears the SUSPR interrupt status bit before 10 ms expires.
Described below is the normal procedures during the bus idle and suspend condition:
1.
The TUSB6250 hardware detects 3-ms bus idle.
2.
If the current USB bus connection is full speed, the TUSB6250 hardware sets the SUSPR bit in the
USBSTA register and generates an SUSPR (function suspend request) interrupt to the MCU.
If the current USB bus connection is high speed, the TUSB6250 hardware reverts back to a full-speed
connection within 0.125 ms, then sets the SUSPR bit, and generates the SUSPR interrupt.
3.
The firmware can check whether there is any task that needs to be finished before the suspend and
performs it if desired. The firmware has to ensure it grants the suspend request before 10 ms expires.
4.
Once the firmware is ready to enter suspend, it clears the SUSPR bit in the USBSTA register. The
TUSB6250 hardware shuts the clock down (if LPEN = 1) and enters the suspend state.
8.3.2 WAKCLK Interrupt and Remote Wakeup
8.3.2.1
WAKCLK Interrupt Behavior
Figure 8−1 illustrates how the WAKCLK interrupt and WAKCLK status change events are generated and
cleared. The top portion of the diagram shows how each of the WAKCLK status change events causes the
WAKCLK bit in the USBSTA register to be set, if the WAKCLK interrupt is enabled in the USBMSK register
(for illustration purpose, WAKCLK_en = 1 in Figure 8−1 implies WAKCLK = 1 in USBMSK). The
VBUSCHG_det and the other three status change event detection signals are generated internally by the
TUSB6250 hardware, whenever a WAKCLK status change event occurs on the VBUS pin or the other four
remote wakeup capable port 3 GPIO pins (P3.2, P3.3, P3.4, and P3.5). These four status change event
detection signals, lasting one clock cycle, are OR-ed together to form a single cycle pulse to set the WAKCLK
bit in the USBSTA register, as long as the WAKCLK interrupt is enabled and the WAKCLK bit is not set.
Described below are important behaviors regarding the WAKCLK interrupt.
•
The WAKCLK interrupt is triggered if any one of the four status change events occurs, when the WAKCLK
bit is not yet set in USBSTA, the core clock is available, and the WAKCLK interrupt is enabled.
•
The WAKCLK interrupt is shared among four different status change events (interrupt sources). Before
the MCU clears the WAKCLK interrupt triggered by the first event, any new status change event occurring
does not trigger a new WAKCLK interrupt. In other words, multiple status change events only trigger one
WAKCLK interrupt before the MCU clears the existing WAKCLK residing in the interrupt queue.
•
For the same reason, since the WAKCLK interrupt is shared, writing a 1 to the WAKCLK bit in the USBSTA
register clears the interrupt triggered by all the WAKCLK interrupt sources (status change events),
although the individual status change event bits are still kept in the USBWKUP register. In other words,
clearing one WAKCLK interrupt is like clearing all WAKCLK interrupts triggered by multiple status change
events; although physically there is only one WAKCLK interrupt residing in the interrupt queue.
•
To avoid potential interrupt loss caused by mistaken writes, firmware developers need to follow the
recommended procedure when servicing the WAKCLK interrupt. In summary, the WAKCLK bit must be
cleared before any status change bit is cleared in the USBWKUP register.
•
Once triggered by the WAKCLK interrupt, the firmware first has to write a 1 to the WAKCLK bit in the
USBSTA register to clear the physical interrupt;
•
The firmware then performs a read to the USBWKUP register to reveal which status change event bit
is set. If multiple events occurred, the firmware has to remember and service all of them individually;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com