Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 38Page - Texas Instruments TUSB6250 Datasheet HTML 39Page - Texas Instruments TUSB6250 Datasheet HTML 40Page - Texas Instruments TUSB6250 Datasheet HTML 41Page - Texas Instruments TUSB6250 Datasheet HTML 42Page - Texas Instruments TUSB6250 Datasheet HTML 43Page - Texas Instruments TUSB6250 Datasheet HTML 44Page - Texas Instruments TUSB6250 Datasheet HTML 45Page - Texas Instruments TUSB6250 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 124 page
background image
8−1
SLLS535A − January 2004
TUSB6250
8
USB Function and Registers
The MCU and firmware or boot code configure the USB function characteristics of the TUSB6250 by
configuring and updating the memory mapped registers (located in XDATA space) described in this chapter.
8.1
USBCTL: USB Control Register (XDATA at F006)
The USBCTL register is cleared by a power up or a WDT reset. A USB reset can not reset the USBCTL register.
765
43210
CONT
LPEN
RWUPEN
FRSTE
HSTM2
HSTM1
HSTM0
DIR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
DIR
0
USB (control) transfer direction. As a response to a setup packet, the MCU decodes the request and
sets/clears this bit to reflect the data transfer direction. This bit is used in the control transfer only.
DIR = 0 USB data OUT transaction
DIR = 1 USB data IN transaction
3−1
HSTM
000
USB 2.0 high-speed test mode and force-full speed.
HSTM = 000 Normal operation (the USB speed is determined by the bus connection)
HSTM = 001 Test mode test_SE0_NAK
HSTM = 010 Test mode test_J
HSTM = 011 Test mode test_K
HSTM = 100 Test mode test_packet
HSTM = 101 Normal operation (force USB full-speed connection by the MCU). A corresponding bit
in the I2C EEPROM header must be specified. See the TUSB6250 Boot Code
document for related information.
4
FRSTE
0
Function reset connection bit. This bit connects/disconnect the USB function reset from the MCU
reset.
FRSTE = 0 Function reset is not connected to the MCU reset
FRSTE = 1 Function reset is connected to the MCU reset
5
RWUPEN
0
Device remote wakeup enable.
RWUPEN = 0 Disable remote wakeup capability
RWUPEN = 1 Enable remote wakeup capability
6
LPEN
0
Low power enable. If set to 1, the TUSB6250 is in the low-power mode during suspend and the core
clock is shut down. It is required that the self-powered application based on the TUSB6250 ensures
this bit is cleared. In other words, the TUSB6250 does not support the low-power enable feature in
the self-powered mode.
7
CONT
0
Connect/disconnect bit. This bit is used by the MCU to present a connect/disconnect condition on the
upstream port. The MCU has to check the VBUS line status before setting this bit. Hardware performs
the connect to the USB bus immediately after the CONT bit is set without checking the VBUS line
status.
CONT = 0 Upstream port is disconnected
CONT = 1 Upstream port is connected
8.1.1 USB Enumeration
The USB enumeration is accomplished by the interaction between the host PC software, the USB host
controller and the boot code, the firmware, and the hardware of the TUSB6250. As described in section 4.3.4
Device Initilization, after a power-up reset, the boot code checks the firmware type in the header block of the
external I2C EEPROM and decides whether it needs to signal connection to the upstream USB host or hubs.
If the boot code is responsible to signal connect as specified, it fetches all the required USB descriptors from
the external I2C EEPROM and sets the CONT bit, which tells the TUSB6250 hardware to connect the external
1.5-k
Ω full-speed pullup resistor to the 3.3-V power supply of the TUSB6250. This results in the DP line of the
TUSB6250 being pulled up to the logic high level to be recognized by the upstream USB host controller or hubs
as a valid connection signal. The FRSTE bit is also set by the MCU, which enables the USB reset coming from
the USB host after signal-connection to reset the MCU and its related registers as specified in the MCU Control
and Status Registers (in SFR and ESFR Space).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com