| Electronic Components Datasheet Search |
|
TUSB6250 Datasheet(PDF) 27 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB6250 Datasheet(HTML) 27 Page - Texas Instruments |
|
27 / 124 page ![]() Microcontroller Unit (MCU) 6−4 SLLS535A − January 2004 TUSB6250 Table 6−2. Memory Mapped Registers Summary (XDATA Range: F000 → F0F9) ADDRESS REGISTER NAME DESCRIPTION F000 IEPCNFG_0 Input endpoint_0 configuration register F001 IEPBCN_0 Input endpoint_0 buffer byte count register F002 Reserved F003 OEPCNFG_0 Output endpoint_0 configuration register F004 OEPBCN_0 Output endpoint_0 buffer byte count register F005 Reserved F006 USBCTL USB control register F007 USBMSK USB interrupt mask register F008 USBSTA USB status register F009 FUNADR Function address register F00A UTMICFG UTMI configuration status register F00B USBFCL USB frame counter low-byte register F00C USBFCH USB frame counter high-byte register F00D USBWKUP USB wakeup reason register F00E Reserved F00F Reserved F010 IEPCNFG_1 Input endpoint_1 configuration register F011 IEPBBADRX_1 Input endpoint_1 X buffer base address register F012 IEPBCNLX_1 Input endpoint_1 X buffer byte count low-byte register F013 IEPBCNHX_1 Input endpoint_1 X buffer byte count high-byte register F014 IEPSIZXY_1 Input endpoint_1 X/Y buffer size register F015 IEPBBADRY_1 Input endpoint_1 Y buffer base address register F016 IEPBCNLY_1 Input endpoint_1 Y buffer byte count low-byte register F017 IEPBCNHY_1 Input endpoint_1 Y buffer byte count high-byte register F018 OEPCNFG_1 Output endpoint_1 configuration register F019 OEPBBADRX_1 Output endpoint_1 X buffer base address register F01A OEPBCNLX_1 Output endpoint_1 X buffer byte count low-byte register F01B OEPBCNHX_1 Output endpoint_1 X buffer byte count high-byte register F01C OEPSIZXY_1 Output endpoint_1 X/Y buffer size register F01D OEPBBADRY_1 Output endpoint_1 Y buffer base address register F01E OEPBCNLY_1 Output endpoint_1 Y buffer byte count low-byte register F01F OEPBCNHY_1 Output endpoint_1 Y buffer byte count high-byte register F020 IEPCNFG_2 Input endpoint_2 configuration register F021 IEPBBADRX_2 Input endpoint_2 X buffer base address register F022 IEPBCNLX_2 Input endpoint_2 X buffer byte count low-byte register F023 IEPBCNHX_2 Input endpoint_2 X buffer byte count high-byte register F024 IEPSIZXY_2 Input endpoint_2 X/Y buffer size register F025 IEPBBADRY_2 Input endpoint_2 Y buffer base address register F026 IEPBCNLY_2 Input endpoint_2 Y buffer byte count low-byte register F027 IEPBCNHY_2 Input endpoint_2 Y buffer byte count high-byte register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |