Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 49Page - Texas Instruments TUSB6250 Datasheet HTML 50Page - Texas Instruments TUSB6250 Datasheet HTML 51Page - Texas Instruments TUSB6250 Datasheet HTML 52Page - Texas Instruments TUSB6250 Datasheet HTML 53Page - Texas Instruments TUSB6250 Datasheet HTML 54Page - Texas Instruments TUSB6250 Datasheet HTML 55Page - Texas Instruments TUSB6250 Datasheet HTML 56Page - Texas Instruments TUSB6250 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 124 page
background image
8−12
SLLS535A − January 2004
TUSB6250
BIT
FUNCTION
RESET
NAME
3
P35ST
0
P3.5 status bit. This bit represents the de-bounced status value on the P3.5 pin.
4
CDCHG
0
Compact flash card/media detection pin status change bit. This bit, when set, indicates a status
change occurred at either the CD1 or CD2 pin. The firmware needs to read the status of these two
pins to ensure a correct media insertion.
CDCHG = 0 No CF card/media detection status change occurred.
CDCHG = 1 CF card/media detection status change occurred on at least one CD pin.
5
VBUSCHG
0
VBUS status change bit.
VBUSCHG = 0 No VBUS status change occurred.
VBUSCHG = 1 A VBUS status change occurred.
6
P34CHG
0
P34CHG status change bit.
P34CHG = 0 No P3.4 pin status change occurred.
P34CHG = 1 A P3.4 pin status change occurred.
7
P35CHG
0
P35CHG status change bit.
P35CHG = 0 No P3.5 pin status change occurred.
P35CHG = 1 A P3.5 pin status change occurred.
8.9
Endpoint-0 Descriptor Registers
All EDBs (endpoint descriptor block, including EDB0 and EDB1 to EDB4) are implemented in registers. Their
respective endpoint data buffers are implemented in SPRAM. Table 8−2 defines the registers and their
respective address used for EDB-0.
EDB-0 has no base-address register, since these addresses are hardwired and depend on the configuration
set by the BZ[1:0] bits in the IEPCNFG_0 register (see Table 8−3).
Table 8−2. Input/Output EDB-0 Registers
ADDRESS
REGISTER NAME
DESCRIPTION
F004
OEPBCNX_0
Output endpoint_0: X buffer byte count register
F003
OEPCNFG_0
Output endpoint_0: configuration register
F001
IEPBCNX_0
Input endpoint_0: X buffer byte count register
F000
IEPCNFG_0
Input endpoint_0: configuration register
Table 8−3. Input/Output EDB-0 Buffer Location as Defined by BZ[1:0]
IN/OUT
DBUF=0
BZ[1:0]=0
BZ[1:0]=1
BZ[1:0]=2
BZ[1:0]=3
IN/OUT
ENDPOINT-0
SIZE (BYTES) =
8
16
32
64
Input
End address
E00F
E01F
E03F
E07F
Input
IEP0BA =
E008
E010
E020
E040
Output
End address
E007
E00F
E01F
E03F
Output
OEP0BA =
E000
E000
E000
E000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com