Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 58Page - Texas Instruments TUSB6250 Datasheet HTML 59Page - Texas Instruments TUSB6250 Datasheet HTML 60Page - Texas Instruments TUSB6250 Datasheet HTML 61Page - Texas Instruments TUSB6250 Datasheet HTML 62Page - Texas Instruments TUSB6250 Datasheet HTML 63Page - Texas Instruments TUSB6250 Datasheet HTML 64Page - Texas Instruments TUSB6250 Datasheet HTML 65Page - Texas Instruments TUSB6250 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 124 page
background image
8−21
SLLS535A − January 2004
TUSB6250
8.10.10 OEPBBAX_n: Output Endpoint X-Buffer Base Address Register (n = 1 to 4) (XDATA at F019,
F029, F039, F049)
The OEPBBAX_n register contains the X-buffer base address for the specified output endpoint.
765
43210
A11
A10
A9
A8
A7
A6
A5
A4
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
A [11:4]
00h
This is the middle 8-bit value of the complete (1110 and A[11:4] and 0000) 16-bit X-buffer base address.
See Figure 8−4. This value is set by the MCU. The UBM or the DMA uses this value as the start
address of X buffer for a given transaction.
8.10.11 OEPBCNLX_n: Output Endpoint X-Buffer Byte Count Low-Byte Register (n = 1 to 4) (XDATA at
F01A, F02A, F03A, F04A)
The OEPBCNLX_n register contains the lower 8-bit value in the X buffer that is used to specify the amount
of data received in a data packet from the USB host.
765
43210
C7
C6
C5
C4
C3
C2
C1
C0
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7−0
C [7:0]
00h
X-buffer byte count: low byte
8.10.12 OEPBCNHX_n: Output Endpoint X-Buffer Byte Count High-Byte Register (n = 1 to 4) (XDATA at
F01B, F02B, F03B, F04B)
The OEPBCNHX_n register contains the NAK bit and the higher 3-bit value in the X buffer that is used to
specify the amount of data received in a data packet from the USB host.
765
43210
NAK
RSV
RSV
RSV
RSV
C10
C9
C8
R/W
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
2−0
C [10:8]
000
X-buffer byte count higher 3 bits. These bits, in combination with C[7:0], provide the byte count of a
given transaction (count = 0 to 2047).
6−3
RSV
0
Reserved = 0
7
NAK
0
NAK bit is used as flow control handshake for X buffer.
NAK = 0 This bit is cleared to 0 by the firmware to indicate that the endpoint data buffer is empty and
ready for a Host-OUT request.
NAK = 1 This bit is set to 1 by the TUSB6250 hardware to indicate that the endpoint data buffer
contains a valid packet from the host (will NAK Host-OUT request).
Below is the procedure to be followed by the firmware when using the NAK bit for flow control handshake. For
the purpose of illustration, it is assumed that the double buffer (DBUF) is enabled. If DBUF is not enabled, the
X buffer is always used regardless of the value of the data packet PID of the coming out-transfer.
•
Assume that NAK = 0 and both out-endpoint data buffers are empty, when the first out-transfer comes.
The TUSB6250 responds to the out-transfer with an ACK handshake and starts processing the data
payload received for this out-transfer immediately.
•
Meanwhile, the TUSB6250 hardware sets the NAK bit to 1 to indicate that the current endpoint data buffer
contains a valid packet from host such that the TUSB6250 can either NYET-then-NACK (for USB
high-speed connection) or simply ACK-then-NACK (for USB full-speed connection) any further host-out
request to this endpoint. It should be noted that both the X buffer and Y buffer have their own NAK bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com