Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 80Page - Texas Instruments TUSB6250 Datasheet HTML 81Page - Texas Instruments TUSB6250 Datasheet HTML 82Page - Texas Instruments TUSB6250 Datasheet HTML 83Page - Texas Instruments TUSB6250 Datasheet HTML 84Page - Texas Instruments TUSB6250 Datasheet HTML 85Page - Texas Instruments TUSB6250 Datasheet HTML 86Page - Texas Instruments TUSB6250 Datasheet HTML 87Page - Texas Instruments TUSB6250 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 124 page
background image
ATA/ATAPI Interface Port
11−3
SLLS535A − January 2004
TUSB6250
The sector FIFO can be accessed by the UBM, ATA/ATAPI controller, and the MCU, where the MCU access
can only be indirectly accessed by going through the ATA/ATAPI CSR and the sector FIFO controller. The UBM
access has the highest priority, the ATA/ATAPI controller has the middle level access priority, and the MCU
access has the lowest priority.
11.1.3
ATA/ATAPI CSR Registers
The ATA/ATAPI CSR registers block contains all the ATA/ATAPI control and status registers, which are
categorized into three register groups based on their function.
•
ATA/ATAPI group 0 registers—This group consists of 16 Task_File registers, which are normally used
to pass commands along with the related parameters to the ATA/ATAPI drives in auto-command modes
that are described in Section 11.3 TUSB6250 ATA/ATAPI Controller Transfer Modes.
•
ATA/ATAPI group 1 registers—The 16 registers of this group are normally used to configure the
ATA/ATAPI interface (for example, transfer mode, speed and timing, etc.) and set up the parameters
needed for the data transfer to be performed (for example, transfer byte count, command length, block
sector count, etc.).
•
ATA/ATAPI group 2 registers—The 26 registers of this group are normally used to check the status of
the drive and data transfer through the ATA/ATAPI interrupt registers. The group also includes the
registers to enable the MCU access to the sector FIFO. There are some registers that allow the firmware
to handle all 13 cases of the bulk-only transfer protocol specification when there is any error condition on
the ATA/ATAPI drive side.
As described above, the MCU can only access the sector FIFO indirectly by using its address and data
registers in the ATA/ATAPI group 2 registers (MCU data byte_n registers and the MCU access address
low-/high-byte registers).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com