Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 88 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 84Page - Texas Instruments TUSB6250 Datasheet HTML 85Page - Texas Instruments TUSB6250 Datasheet HTML 86Page - Texas Instruments TUSB6250 Datasheet HTML 87Page - Texas Instruments TUSB6250 Datasheet HTML 88Page - Texas Instruments TUSB6250 Datasheet HTML 89Page - Texas Instruments TUSB6250 Datasheet HTML 90Page - Texas Instruments TUSB6250 Datasheet HTML 91Page - Texas Instruments TUSB6250 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 124 page
background image
ATA/ATAPI Interface Port
11−7
SLLS535A − January 2004
TUSB6250
•
Semi-auto mode—In this mode, similar to the fully-manual mode, the MCU is also responsible for
handling all data movement between the 4K byte EDB and the ATA/ATAPI interface for the command and
status stages. However, during the data stage, the sector FIFO and ATA/ATAPI controller along with the
DMA engine are used to process the transfer when the firmware sets the MAP_SECF bit in either the
IEPCNFG_n or OEPCNFG_n register and sets the START_ATAPI bit in the ATPIFCNFG1 register. The
firmware is not required to be involved in the lengthy data stage transfer.
•
Fully-auto mode—In this mode, the MCU only has to handle the status stage and the partial command
stage. During the command stage, the firmware is not required to manually send the CBWCB to the drive.
Instead, it only needs to fill up the correct contents required for the current CBW into the Task_File
registers of the group 0 registers. Once the firmware finishes this task, the only thing it is required to do
is set the AUTO_CMD and START_ATAPI bits in the ATPIFCNFG1 register. The ATA/ATAPI controller of
the TUSB6250 then performs the command writes to the ATA/ATAPI drive in the sequence required by
the ATA/ATAPI-5 specification, followed by the data transfer, if any. The MAP_SECF bit has to be set in
either the IEPCNFG_n or OEPCNFG_n register in order to utilize the sector FIFO for the automatic data
transfer in the data stage. When the ATA/ATAPI controller finishes the transfer of the data stage, it triggers
the MCU with an ATA/ATAPI interrupt (vector value of 0x48 hex) with the command completion information
provided in some of the group 2 registers. The hardware also clears the MAP_SECF bit so that the
following status stage and command stage of the next CBW can utilize the 4K byte EDB. The firmware
then starts the status stage task to prepare the information required in the CSW to be sent back to the host.
This mode has the highest data transfer throughput among all three modes due to the minimum MCU
involvement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com