Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 81Page - Texas Instruments TUSB6250 Datasheet HTML 82Page - Texas Instruments TUSB6250 Datasheet HTML 83Page - Texas Instruments TUSB6250 Datasheet HTML 84Page - Texas Instruments TUSB6250 Datasheet HTML 85Page - Texas Instruments TUSB6250 Datasheet HTML 86Page - Texas Instruments TUSB6250 Datasheet HTML 87Page - Texas Instruments TUSB6250 Datasheet HTML 88Page - Texas Instruments TUSB6250 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 124 page
background image
ATA/ATAPI Interface Port
11−4
SLLS535A − January 2004
TUSB6250
11.2 ATA/ATAPI Port Power-On Sequencing and 3-State Control
As described in Section 5.3.1, the TUSB6250 offers unique power-on sequencing features, which provides
design flexibility to the drive developers, especially if multiple devices share the ATA/ATAPI bus together.
Unlike other USB to ATA/ATAPI bridge controllers, the TUSB6250 powers up with its ATA/ATAPI interface
totally disabled and with its output buffers in 3-state. The internal pulldown resistors are also enabled by default
after the power-up reset. Once the firmware is loaded into the code RAM, it then has the control to enable the
ATA/ATAPI bus and reconfigure all the GPIOs along with the pullup and pulldown resistors at any time required
by the application.
Another key feature of the TUSB6250 is that it allows the firmware to disable the entire ATA/ATAPI bus and
put it into the 3-state condition during normal operation, by simply setting the ATP_DIS bit in the CMNDLNGTH
(command length) register. To reenable the interface, the firmware must clear the ATP_DIS bit. The
TUSB6250 also provides pullup and/or pulldown resistors on most of its ATA/ATAPI interface pins, which sets
it apart from other mass storage controller chips.
The advantages of the above features are as follows:
•
The ATA/ATAPI interface powering up in 3-state enables the end product application to meet the critical
100-mA bus-power current consumption limit required by the USB 2.0 specification. Otherwise, if a
hard-disk drive is powered up and performs a start-up disk spin-up at the same time, while the TUSB6250
is powering up, the surge current is likely to exceed 100 mA.
•
This also protects the mass storage device connected to the TUSB6250’s ATA/ATAPI interface from
damage, if the mass storage device is not equipped with fail-safe I/O buffers.
•
The firmware controllable 3-state feature allows the TUSB6250 to share the ATA/ATAPI bus with another
TI DSP or microcontroller implemented on the same end product PCB.
The ATA/ATAPI bus 3-state control feature can also be implemented based on an external event. For example,
if an onboard DSP shares the same ATA/ATAPI bus with the TUSB6250 in a portable digital audio player
application, the end product could use the remote wakeup capable P3.5 pin as an ATA/ATAPI bus-request
signal to alert the TUSB6250 when the DSP needs the ATA/ATAPI bus. The TUSB6250, under flexible
firmware control, finishes the current data-transferring task it is performing and then grants the ATA/ATAPI bus
to the DSP. Vise versa, the TUSB6250 can also use another GPIO as the bus-request signal to alert the DSP
when it needs the ATA/ATAPI bus. With the many GPIOs the TUSB6250 offers, flexible handshake functions
between the two on-board controllers are easily accomplished.
Figure 11−3 illustrates the power-up and reset sequence for the TUSB6250’s ATA/ATAPI interface for
reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com