Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 43Page - Texas Instruments TUSB6250 Datasheet HTML 44Page - Texas Instruments TUSB6250 Datasheet HTML 45Page - Texas Instruments TUSB6250 Datasheet HTML 46Page - Texas Instruments TUSB6250 Datasheet HTML 47Page - Texas Instruments TUSB6250 Datasheet HTML 48Page - Texas Instruments TUSB6250 Datasheet HTML 49Page - Texas Instruments TUSB6250 Datasheet HTML 50Page - Texas Instruments TUSB6250 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 124 page
background image
8−6
SLLS535A − January 2004
TUSB6250
•
After servicing the WAKCLK interrupt for each individual status change event, the firmware has to
write a 1 to the corresponding bit in the USBWKUP register to clear such status change event.
8.3.2.2
WAKCLK Interrupt Function During Normal Operation (When the TUSB6250 is not in
the USB Suspend State)
The WAKCLK interrupt provided by the TUSB6250 can be used for a variety of functions under different
operating conditions, other than just the remote wakeup interrupt in the suspend state. These functions can
include compact flash card detection, removable media insertion/eject, or an external event from another
on-board DSP as an end product specific function, etc.
In other words, other than the VBUS status change detection that has its fixed functionality, the other three
status change events can be implemented as interrupt specific to an end product function as described above.
8.3.2.3
WAKCLK Interrupt Functions as a Remote Wakeup Interrupt (When the TUSB6250 is
in the USB Suspend State)
One common function of the WAKCLK interrupt is that it can be used as the remote wakeup interrupt. If the
TUSB6250 is in the USB suspend state, as long as the remote wakeup and the individual WAKCLK status
change event detection (no need for VBUS detection, which is always enabled) are enabled, any VBUS or
status change event causes the TUSB6250 to wake the core clock up, generate a WAKCLK interrupt to the
MCU, and send a USB resume signaling to the upstream USB host. The resume signaling is sent by the
TUSB6250 hardware when either the WAKCLK interrupt is cleared by the firmware or 10 ms is reached after
the hardware triggers the WAKCLK interrupt to the MCU, whichever occurs first.
It is important to understand that all USB devices only report to the upstream USB host whether it is remote
wakeup capable. It is up to the USB host to decide whether to enable a USB device’s remote wakeup capability
through the Set_Feature command.
The TUSB6250 offers a unique feature that allows its remote wakeup capability to be disabled, while the
TUSB6250 is still able to capture and remember the status change event that occurred during the USB
suspend state.
When the TUSB6250 is in the suspend state, with the remote wakeup disabled (RWUPEN bit of the USBCTL
register is cleared), the following two scenarios describe whether and how the core clock of the TUSB6250
is awakened due to the WAKCLK status change event.
•
If the low-power enable bit (LPEN) is not set in the USBCTL register, the TUSB6250 has no need to wake
the clock up, since the clock is not disabled and is still running during suspend. Any valid WAKCLK status
change event can cause a WAKCLK interrupt to be generated. This normally happens for a self-powered
application.
•
If the low-power enable bit (LPEN) is set in the USBCTL register, the core clock is shut down during
suspend. The WAKCLK interrupt event that occurred during suspend is captured and remembered using
asynchronous logic, however no interrupt is triggered. The TUSB6250 keeps the core clock shut down
and remains in the suspended state until the core clock is available, which is when the USB host resumes
the TUSB6250. When the core clock is available, the remembered WAKCLK event triggers the actual
interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com