Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 2Page - Texas Instruments TUSB6250 Datasheet HTML 3Page - Texas Instruments TUSB6250 Datasheet HTML 4Page - Texas Instruments TUSB6250 Datasheet HTML 5Page - Texas Instruments TUSB6250 Datasheet HTML 6Page - Texas Instruments TUSB6250 Datasheet HTML 7Page - Texas Instruments TUSB6250 Datasheet HTML 8Page - Texas Instruments TUSB6250 Datasheet HTML 9Page - Texas Instruments TUSB6250 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 124 page
background image
Contents
vi
SLLS535A − January 2004
TUSB6250
11.5.11
CMNDLNGTH: Command Length Register (XDATA at F0DA)
11−15
. . . . . . . . . . . . . . . . . . .
11.5.12
PIOSPAS: PIO Transfer Speed (Assertion Time) Register (XDATA at F0DC)
11−15
. . . . . .
11.5.13
PIOSPRC: PIO Transfer Speed (Recovery Time) Register (XDATA at F0DD)
11−16
. . . . . .
11.5.14
DMASPAS: DMA Transfer Speed (Assertion Time) Register (XDATA at F0DE)
11−16
. . . .
11.5.15
DMASPRC: DMA Transfer Speed (Recovery Time) Register (XDATA at F0DF)
11−16
. . . .
11.5.16
Data Transfer Mode and Timing Reference Chart
11−17
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.6
ATA/ATAPI Group 2 Registers
11−19
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.6.1
MCUBYTE0: MCU Data Byte_0 Register (XDATA at F0E0)
11−20
. . . . . . . . . . . . . . . . . . . . .
11.6.2
MCUBYTE1: MCU Data Byte_1 Register (XDATA at F0E1)
11−20
. . . . . . . . . . . . . . . . . . . . .
11.6.3
MCUBYTE2: MCU Data Byte_2 Register (XDATA at F0E2)
11−20
. . . . . . . . . . . . . . . . . . . . .
11.6.4
MCUBYTE3: MCU Data Byte_3 Register (XDATA at F0E3)
11−20
. . . . . . . . . . . . . . . . . . . . .
11.6.5
MCUACSL: MCU Access Address Low-Byte Register (XDATA at F0E4
11−21
. . . . . . . . . . .
11.6.6
MCUACSH: MCU Access Address High-Byte Register (XDATA at F0E5)
11−21
. . . . . . . . .
11.6.7
ATPINTRPT0: ATA/ATAPI Interrupt Register 0 and ATPINTMSK0: ATA/ATAPI
Interrupt Mask Register 0 (XDATA at F0E6, F0E7)
11−21
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.6.8
ATPINTRPT1: ATA/ATAPI Interrupt Register 1 and ATPINTMSK1: ATA/ATAPI
Interrupt Mask Register 1 (XDATA at F0E8, F0E9)
11−22
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.6.9
ATPSTATUS: ATA/ATAPI Interface Status Register (XDATA at F0EA)
11−23
. . . . . . . . . . . .
11.6.10
SECWRPTL: Sector FIFO Write Pointer Low-Byte Register (XDATA at F0EB)
11−24
. . . . .
11.6.11
SECWRPTH: Sector FIFO Write Pointer High-Byte Register (XDATA at F0EC)
11−25
. . . .
11.6.12
WRPTBKUPL: Sector FIFO Write Pointer Backup Low-Byte Register
(XDATA at F0ED)
11−25
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.6.13
WRPTBKUPH: Sector FIFO Write Pointer Backup High-Byte Register
(XDATA at F0EE)
11−25
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.6.14
SECRDPTL: Sector FIFO Read Pointer Low-Byte Register (XDATA at F0EF
11−25
. . . . . .
11.6.15
SECRDPTH: Sector FIFO Read Pointer High-Byte Register (XDATA at F0F0
11−26
. . . . .
11.6.16
RDPTBKUPL: Sector FIFO Read Pointer Backup Low-Byte Register
(XDATA at F0F1
11−26
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.6.17
RDPTBKUPH: Sector FIFO Read Pointer Backup High-Byte Register
(XDATA at F0F2
11−26
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.6.18
ULRCVEXCNT: Ultrareceive Extra Word Count Register (XDATA at F0F9)
11−27
. . . . . . . .
12 Electrical Specifications
12−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12.1
Absolute Maximum Ratings
12−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12.2
Recommended Operating Conditions
12−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12.3
Electrical Characteristics for the Digital Core, TA = 25°C, VCC = 3.3 V ±5%, VSS = 0 V
12−2
. . . . . . .
12.4
Controller Input Supply Current, TA = 25°C, VCC = 3.3 V ±5%, VSS = 0 V
12−2
. . . . . . . . . . . . . . . . . . .
12.5
Timing for 5-V Failsafe TTL Compatible LVCMOS I/O Buffer Used in the TUSB6250
ATA/ATAPI Interface
12−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12.6
Electrical Characteristics for the Integrated USB 2.0 Transceiver, TA = 25°C,
VCC = 3.3 V ±5%, VSS = 0 V
12−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13 Application Information
13−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13.1
Crystal Selection and Reference Circuitry
13−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13.2
Reset Timing Reference
13−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13.3
General ATA/ATAPI Device Application Information
13−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13.3.1
ATA/ATAPI Connector Pin Diagram
13−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13.3.2
Special Note About Shaded Signals
13−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13.3.3
Special Note About Pullup and Pulldown Resistors for ATA/ATAPI Signals
13−5
. . . . . . . . .
13.3.4
Series Termination Required for Ultra DMA Operation
13−5
. . . . . . . . . . . . . . . . . . . . . . . . . . .
13.4
Compact Flash Storage Card Reader Application
13−6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13.4.1
Brief Introduction
13−6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13.4.2
Pin Assignment and Mapping
13−7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13.4.3
Power-Up Sequence
13−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com