Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 87 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 83Page - Texas Instruments TUSB6250 Datasheet HTML 84Page - Texas Instruments TUSB6250 Datasheet HTML 85Page - Texas Instruments TUSB6250 Datasheet HTML 86Page - Texas Instruments TUSB6250 Datasheet HTML 87Page - Texas Instruments TUSB6250 Datasheet HTML 88Page - Texas Instruments TUSB6250 Datasheet HTML 89Page - Texas Instruments TUSB6250 Datasheet HTML 90Page - Texas Instruments TUSB6250 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 124 page
background image
ATA/ATAPI Interface Port
11−6
SLLS535A − January 2004
TUSB6250
11.3 TUSB6250 ATA/ATAPI Controller Transfer Modes
The supported USB mass storage device class bulk-only transport protocol uses only the bulk endpoint for
the transport of command, data, and status. The transport command set used in the bulk-only protocol is
actually based on the SCSI transparent command set, which is wrapped with some information related to the
bulk-only protocol, to form the command block wrapper (CBW) for a specific transport.
At the command stage, the mass storage application at the host side sends a CBW to a USB mass storage
device. The TUSB6250, as a USB mass storage bridge controller, performs analysis to the CBWCB received
from the host and translates the CBWCB into a sequence of command block register writes to the ATA/ATAPI
storage device connected to the TUSB6250 ATA/ATAPI interface. The storage device interprets the command
block register contents as a set of commands and prepares the followed data transfer from the host, if there
is any.
A CBW consists of the following major elements:
•
dCBWSignature—This is used to help identify the data packet received from the host as a valid CBW.
•
dCBWTag—This is a tag associating a specific CBW and CSW (command status wrapper).
•
dCBWDataTransferLength—This specifies the number of bytes the host expects to transfer on the bulk-in
or bulk-out endpoints.
•
bmCBWFlags—This field contains the data transfer direction for the current CBW, which can be either
from the host to the mass storage device or vise versa.
•
bCBWLUN—This field specifies the logic unit number to which the command block is being sent.
•
bCBWCBLength—This field specifies the valid length of the CBWCB in bytes, which is the valid length
of the command block. The only legal values are 1 through 16.
•
CBWCB—This is the command block to be executed by the device. The device interprets the first
bCBWCBLength bytes in this field as a command block, as defined by the command set identified by
bInterfaceSubClass, which is the SCSI transparent command set.
At the status stage, a CSW is sent back to the host with the drive status related information. A valid CSW
consists of a valid dCSWSignature, dCSWTag, which is the same as the dCBWTag for a given CBW,
dCSWDataResidue, which is the difference of data amount between what the host expects and what the mass
storage device actually processed, and the bCSWStatus, which indicates the success or failure of the CBW.
For more detailed information, see the USB Mass Storage Device Class Bulk-Only Transport Protocol
specification.
It should be noted that, for the TUSB6250 ATA/ATAPI controller, the status stage is always processed by the
MCU, which adds valuable flexibility for the firmware when handling any ATA/ATAPI drive related error
condition.
Since the TUSB6250 is equipped with an MCU, state machine, and DMA engine, it supports three kinds of
data transfer modes or schemes, based on the amount of involvement from the MCU and state machine:
fully-manual mode, semi-auto mode, and fully-auto mode. These modes, different in the amount of automation
involved during the command stage and data stage, are the schemes used by the TUSB6250 for a given CBW
data transfer, which should not be confused with the PIO or UDMA transfer modes defined in the ATA/ATAPI-5
specification.
•
Fully-manual mode—In this mode, the MCU is responsible to handle all the data movement between
the 4K byte EDB and the ATA/ATAPI interface for the command, data, and status stages. The sector FIFO
is
not
used.
The
firmware
has
to
utilize
the
ATA/ATAPI
access
register
0
to
3
(ATPACSREG0–ATPACSREG3) to perform ATA/ATAPI drive register access. The data transfer
throughput is low compared to the semi-auto and fully-auto mode. In order to transfer one byte, the
firmware has to manually write each data byte into the ATA/ATAPI access registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com