Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 57Page - Texas Instruments TUSB6250 Datasheet HTML 58Page - Texas Instruments TUSB6250 Datasheet HTML 59Page - Texas Instruments TUSB6250 Datasheet HTML 60Page - Texas Instruments TUSB6250 Datasheet HTML 61Page - Texas Instruments TUSB6250 Datasheet HTML 62Page - Texas Instruments TUSB6250 Datasheet HTML 63Page - Texas Instruments TUSB6250 Datasheet HTML 64Page - Texas Instruments TUSB6250 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 124 page
background image
8−20
SLLS535A − January 2004
TUSB6250
8.10.8
IEPBCNHY_n: Input Endpoint Y-Buffer Byte Count High-Byte Register (n = 1
to 4) (XDATA at F017, F027, F037, F047)
The IEPBCNHY_n register contains the NAK bit and the higher 3-bit value in the Y buffer that is used to specify
the amount of data to be transmitted in a data packet to the USB host. See the procedure described in the
IEPBCNHX_n register when using the NAK bit for flow control handshake.
765
43210
NAK
RSV
RSV
RSV
RSV
C10
C9
C8
R/W
R/O
R/O
R/O
R/O
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
2−0
C [10:8]
000
Y-buffer byte count higher 3 bits. These bits, in combination with C[7:0], provide the byte count of a
given transaction (count = 0 to 2047).
6−3
RSV
0
Reserved = 0
7
NAK
0
NAK bit is used as flow control handshake for Y buffer.
NAK = 0 Buffer contains a valid packet for the Host-IN request
NAK = 1 Buffer is empty (will NAK Host-IN request).
8.10.9
OEPCNF_n: Output Endpoint Configuration Register (n = 1 to 4) (XDATA at
F018, F028, F038, F048)
The OEPCNF_n register contains various bits used to configure and control the specified endpoint.
765
43210
UBME
NAK_INTE
TOGLE
DBUF
STALL
USBIE
RS_TOGLE
MAP_SECF
R/W
R/W
R/O
R/W
R/W
R/W
W/O
R/W
BIT
NAME
RESET
FUNCTION
0
MAP_SECF
0
Map data buffer to sector FIFO RAM. The MCU writes to this bit to inform the state machine
whether it wants the data to be transferred/stored in either the 4K byte EDB buffer or the sector
FIFO. If the sector FIFO is selected, when the data transfer phase is over, the state machine
automatically switches the data storage area back to the 4K bytes EDB buffer.
MAP_SECF = 0 Endpoint data is stored in the 4K bytes endpoint data buffer.
MAP_SECF = 1 Endpoint data is stored in the sector FIFO RAM.
1
RST_TOGLE
0
Reset TOGLE. This bit always returns 0 when read by the MCU.
The MCU can write a 1 to this bit in order to reset the TOGLE bit (bit 5) to ‘0’.
2
USBIE
0
USB interrupt enable on transaction completion. Set/cleared by the MCU.
USBIE = 0 No interrupt
USBIE = 1 Interrupt on transaction completion
3
STALL
0
USB stall condition indication.
STALL = 0 No stall
STALL = 1 USB stall condition. If set by the MCU, a STALL handshake is initiated.
4
DBUF
0
Double buffer enable for output endpoint_n.
DBUF = 0 Primary buffer only (X buffer only)
DBUF = 1 TOGLE-bit selects X or Y buffer
5
TOGLE
0
USB toggle bit. This read-only bit reflects the toggle sequence bit of DATA0, DATA1. The actual
response from the TUSB6250 depends on the related STALL and NAK bits. The hardware
updates the TOGLE bit automatically.
TOGLE = 0 The TUSB6250 expects the next out-transfer’s data packet PID to be DATA0.
TOGLE = 1 The TUSB6250 expects the next out-transfer’s data packet PID to be DATA1.
6
NAK_INTE
0
NAK interrupt enable
NAK_INTE = 0 NAK does not trigger an interrupt.
NAK_INTE = 1 NAK triggers an interrupt.
7
UBME
0
UBM enable/disable bit. Set/cleared by the MCU.
UBME = 0 UBM can not use this endpoint.
UBME = 1 UBM can use this endpoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com